Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8302AMILF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8302AMILF
Description  LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8302AMILF Datasheet(HTML) 2 Page - Renesas Technology Corp

  8302AMILF Datasheet HTML 1Page - Renesas Technology Corp 8302AMILF Datasheet HTML 2Page - Renesas Technology Corp 8302AMILF Datasheet HTML 3Page - Renesas Technology Corp 8302AMILF Datasheet HTML 4Page - Renesas Technology Corp 8302AMILF Datasheet HTML 5Page - Renesas Technology Corp 8302AMILF Datasheet HTML 6Page - Renesas Technology Corp 8302AMILF Datasheet HTML 7Page - Renesas Technology Corp 8302AMILF Datasheet HTML 8Page - Renesas Technology Corp 8302AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
8302I Data Sheet
©2016 Integrated Device Technology, Inc
Revision A March 4, 2016
2
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
C
PD
Power Dissipation Capacitance
(per output)
V
DD, VDDO = 3.465V
22
pF
V
DD = 3.465V, VDDO = 2.625V
16
pF
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
R
OUT
Output Impedance
7
Ω
Number
Name
Type
Description
1, 6
V
DDO
Power
Output supply pins.
2V
DD
Power
Core supply pin.
3
CLK
Input
Pulldown
LVCMOS / LVTTL clock input.
4,7
GND
Power
Power supply ground.
5
Q1
Output
Single clock output. LVCMOS / LVTTL interface levels.
8
Q0
Output
Single clock output. LVCMOS / LVTTL interface levels.
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com