Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA1122
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122 Datasheet(HTML) 5 Page - Analog Devices

  ADPA1122 Datasheet HTML 1Page - Analog Devices ADPA1122 Datasheet HTML 2Page - Analog Devices ADPA1122 Datasheet HTML 3Page - Analog Devices ADPA1122 Datasheet HTML 4Page - Analog Devices ADPA1122 Datasheet HTML 5Page - Analog Devices ADPA1122 Datasheet HTML 6Page - Analog Devices ADPA1122 Datasheet HTML 7Page - Analog Devices ADPA1122 Datasheet HTML 8Page - Analog Devices ADPA1122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADPA1122
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 17
Table 4. Absolute Maximum Ratings
Parameter
Rating
Bias Voltage
Drain (VDD1, VDD2A, VDD2B, VDD3A, and VDD3B) 35 V dc
Gate (VGG1)
−8 V dc to 0 V dc
RFIN1
25 dBm
Maximum Drain Bias
Pulse Width
500 µs
Duty Cycle
30%
Maximum Pulsed Power Dissipation (PDISS), Drain Bias
Pulse Width = 100 µs at 10% Duty Cycle, TCASE = 85°C,
Derate 250 mW/°C Above 85°C
35 W
Temperature
Maximum Channel
225°C
Nominal Pulsed Peak Channel, TCASE = 85°C, PIN =
22 dBm, Drain Bias Pulse Width = 100 µs at 10%
Duty Cycle, PDISS = 31 W at 8.6 GHz
209°C
Storage Range
−65°C to +150°C
Operating Range
−40°C to +85°C
1 Input signal applied during VDD pulse.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case thermal resistance.
Table 5. Thermal Resistance
Package Type1, 2
θJC
Unit
EH-18-1
4
°C/W
1 θJC was determined under the following conditions: the heat transfer is due
solely to the thermal conduction from the channel through the ground pad to
the PCB, and the ground pad is held constant at the operating temperature of
85°C.
2 Drain bias pulse width = 100 µs at 10% duty cycle.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD
sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA1122
Table 6. ADPA1122, 18-Terminal LCC_HS
ESD Model
Withstand Threshold (V)
Class
HBM
500
1B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com