Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122 Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA1122
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA1122 Datasheet HTML 9Page - Analog Devices ADPA1122 Datasheet HTML 10Page - Analog Devices ADPA1122 Datasheet HTML 11Page - Analog Devices ADPA1122 Datasheet HTML 12Page - Analog Devices ADPA1122 Datasheet HTML 13Page - Analog Devices ADPA1122 Datasheet HTML 14Page - Analog Devices ADPA1122 Datasheet HTML 15Page - Analog Devices ADPA1122 Datasheet HTML 16Page - Analog Devices ADPA1122 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
ADPA1122
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 17
The ADPA1122 is a GaN power amplifier that delivers 43 dBm (20
W) of pulsed power. The device consists of three cascaded gain
stages. A simplified block diagram is shown in Figure 46.
The pulsed bias voltage that applied to the VDD1, VDD2A, and
VDD3A pins provides bias to the drains of the first, second, and
third gain stages, respectively (a single common supply voltage
must be used). VDD2B and VDD3B are internally connected to
VDD2A and VDD3A, respectively, and are used as decoupling
nodes. The negative DC voltages applied to the VGG1 pin bias the
gates of the first, second, and third gain stages, respectively, to
allow control of the drain currents for each stage.
The recommended DC biasing results in a typical pulsed RF POUT
and PAE of 43.5 dBm and 46%, respectively, across the band of 9.6
GHz to 11 GHz when the input power is 22 dBm.
The ADPA1122 has single-ended RFIN and RFOUT ports that are
ac-coupled. The impedances of these ports are nominally 50 Ω
over the 8.2 GHz to 11.8 GHz operating frequency range. Conse-
quently, the ADPA1122 can be directly inserted into a 50 Ω system
without the need for external impedance matching components or
AC coupling capacitors.
A portion of the RF output signal (RFOUT) is directionally coupled
to a diode to detect the RF POUT. When the diode is DC biased, it
rectifies the RF power and makes it available as a DC voltage at
VDET. To allow temperature compensation of VDET, the reference
dc voltage detected through an identical diode that is not coupled to
the RF power is available on the VREF pin. The difference of VREF
− VDET provides a temperature compensated detector voltage that
is proportional to the RF POUT.
Figure 46. Basic Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com