Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA1122
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122 Datasheet(HTML) 1 Page - Analog Devices

  ADPA1122 Datasheet HTML 1Page - Analog Devices ADPA1122 Datasheet HTML 2Page - Analog Devices ADPA1122 Datasheet HTML 3Page - Analog Devices ADPA1122 Datasheet HTML 4Page - Analog Devices ADPA1122 Datasheet HTML 5Page - Analog Devices ADPA1122 Datasheet HTML 6Page - Analog Devices ADPA1122 Datasheet HTML 7Page - Analog Devices ADPA1122 Datasheet HTML 8Page - Analog Devices ADPA1122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
ADPA1122
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Internally matched and AC-coupled 20 W GaN power amplifier
►
Integrated temperature-compensated RF power detector
►
POUT with PIN = 22 dBm: 43.5 dBm typical from 9.6 GHz to 11
GHz
►
Small signal gain: 31 dB typical from 9.6 GHz to 11 GHz
►
Power gain with PIN = 22 dBm: 21.5 dB typical from 8.2 GHz to
11 GHz
►
PAE: 46% typical from 9.6 GHz to 11 GHz
►
Supply voltage: 28 V at 200 mA on 10% duty cycle
►
18-terminal, 7 mm × 7 mm, LCC_HS package
APPLICATIONS
►
Weather radars
►
Marine radars
►
Military radars
GENERAL DESCRIPTION
The ADPA1122 is a gallium nitride (GaN), power amplifier that
delivers 43 dBm (20 W) with more than 43% power added efficien-
cy (PAE) across its 8.2 GHz to 11.8 GHz frequency range. The
ADPA1122 provides ±0.5 dB of gain flatness from 9.6 GHz to 11
GHz.
The ADPA1122 is optimized for pulsed applications such as military,
marine, and weather radar.
The ADPA1122 is packaged in an 18-terminal, 7 mm × 7 mm,
ceramic leadless chip carrier with heat sink [LCC_HS] that exhibits
low thermal resistance and is compatible with surface-mount manu-
facturing techniques.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADPA1122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1120 AD-ADPA1120 Datasheet
1,011Kb / 19P
4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
Rev. 0
ADPA1120ACPZN AD-ADPA1120ACPZN Datasheet
1,011Kb / 19P
4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
Rev. 0
ADPA1120ACPZN-R7 AD-ADPA1120ACPZN-R7 Datasheet
1,011Kb / 19P
4.5W (36.5dBm), 8GHz to 12GHz, GaN Power Amplifier
Rev. 0
More results

Similar Description - ADPA1122

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
17 - 20 GHz 10 W GaN Power Amplifier
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
17 - 20 GHz 10 W GaN Power Amplifier
logo
Analog Devices
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
Qorvo, Inc
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
6 ??18 GHz 20 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
6??8 GHz 20 W GaN Power Amplifier
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
9??0 GHz 20 W GaN Power Amplifier
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
17 - 20 GHz 10 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com