Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA1122
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122 Datasheet(HTML) 3 Page - Analog Devices

  ADPA1122 Datasheet HTML 1Page - Analog Devices ADPA1122 Datasheet HTML 2Page - Analog Devices ADPA1122 Datasheet HTML 3Page - Analog Devices ADPA1122 Datasheet HTML 4Page - Analog Devices ADPA1122 Datasheet HTML 5Page - Analog Devices ADPA1122 Datasheet HTML 6Page - Analog Devices ADPA1122 Datasheet HTML 7Page - Analog Devices ADPA1122 Datasheet HTML 8Page - Analog Devices ADPA1122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADPA1122
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 17
ELECTRICAL SPECIFICATIONS
TA = 25°C, supply voltage (VDD) = 28 V, target quiescent current (IDQ) = 200 mA, pulse width = 100 µs, 10% duty cycle, and frequency range =
8.2 GHz to 9.6 GHz, unless otherwise noted.
Table 1. 8.2 GHz to 9.6 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE 8.2
9.6
GHz
GAIN
Small Signal Gain
30
32.5
dB
Gain Flatness
±0.6
dB
RETURN LOSS
Input
18
dB
Output
14
dB
POWER
Input power (PIN) = 22 dBm
Output (POUT)
41.5
43.5
dBm
Gain
19.5
21.5
dB
PAE
45
%
IDQ
200
mA
Adjust the gate control voltage (VGG1) between −4 V and −2 V to achieve
an IDQ = 200 mA typical
TA = 25°C, VDD = 28 V, IDQ = 200 mA, pulse width = 100 µs, 10% duty cycle, and frequency range = 9.6 GHz to 11 GHz, unless otherwise
noted.
Table 2. 9.6 GHz to 11 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE 9.6
11
GHz
GAIN
Small Signal Gain
28.5
31
dB
Gain Flatness
±0.5
dB
RETURN LOSS
Input
15
dB
Output
16
dB
POWER
PIN = 22 dBm
POUT
41.5
43.5
dBm
Gain
19.5
21.5
dB
PAE
46
%
IDQ
200
mA
Adjust VGG1 between −4 V and −2 V to achieve an IDQ = 200 mA typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com