Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC2-HP Datasheet(PDF) 78 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 74Page - STMicroelectronics STWBC2-HP Datasheet HTML 75Page - STMicroelectronics STWBC2-HP Datasheet HTML 76Page - STMicroelectronics STWBC2-HP Datasheet HTML 77Page - STMicroelectronics STWBC2-HP Datasheet HTML 78Page - STMicroelectronics STWBC2-HP Datasheet HTML 79Page - STMicroelectronics STWBC2-HP Datasheet HTML 80Page - STMicroelectronics STWBC2-HP Datasheet HTML 81Page - STMicroelectronics STWBC2-HP Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ILIMIT_LDO1V8
LDO_1V8 output current
limit
Trimmed parameter
80
160
mA
CLDO_1V8
LDO_1V8 output
capacitance allowed range
Ceramic capacitor
-20%
4.7
+20%
μF
VON,V3V3
VLDO_3V3 rising voltage
2.85
2.95
3.05
V
VOFF,V3V3
VLDO_3V3 falling voltage
2.7
2.8
2.9
V
TDELAY_V3V3
Comparator propagation
delay
dV/dt=100 mV/ms
1
μs
TFILTER_V3V3
Comparator output filter
-25%
0.85
+25%
μs
VON,V1V8
VLDO_1V8 rising voltage
1.67
1.7
1.73
V
VOFF,V1V8
VLDO_1V8 falling voltage
1.64
1.67
1.7
V
TDELAY_V1V8
Comparator propagation
delay
dV/dt=100 mV/μs
1
μs
TFILTER_V1V8
Comparator output filter
-25%
0.85
+25%
μs
VOLTAGE DOUBLER CONTROL
fSW_VOLTDOUBLE_RNG
Switching frequency range
(clock source from AFE/
PLL)
0.01
1
MHz
RUP_VOLTDOUBLE
Internal
PMOS ON-resistance
10.5
RDOWN_VOLTDOUBLE
Internal
NMOS ON-resistance
3.5
BUCK BOOST DC DC
VIN
VIN
operating range
4.1
24
V
fSW_BB
Operating
frequency
1
MHz
VBRIDGE
Output voltage
Selectable via FW
1
V
14
V
18
V
24
V
30
V
40
V
GATE DRIVERS
GD1RUP
Gate driver 1 high-side on
resistance
TJ = 25°C
5
GD1RDWN
Gate driver 2 low-side on
resistance
TJ = 25°C
2.5
GD2RUP
Gate driver 2 high-side on
resistance
TJ = 25°C
5
GD2RDWN
Gate driver 2 low-side on
resistance
TJ = 25°C
2.5
GD3RUP
Gate driver 3 high-side on
resistance
TJ = 25°C
5
GD3RDWN
Gate driver 3 low-side on
resistance
2.5
LED DRIVER (can be bypassed to 5 V-GPIO with pad operating voltage VDD)
ILEDDRV
Sink current values
2.5
mA
5
mA
7.5
mA
10
mA
ILEDDIM
Dimming current step
2.5
mA
STWBC2-HP
Electrical characteristics
DS13825 - Rev 1.0
page 78/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com