Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC2-HP Datasheet(PDF) 13 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 9Page - STMicroelectronics STWBC2-HP Datasheet HTML 10Page - STMicroelectronics STWBC2-HP Datasheet HTML 11Page - STMicroelectronics STWBC2-HP Datasheet HTML 12Page - STMicroelectronics STWBC2-HP Datasheet HTML 13Page - STMicroelectronics STWBC2-HP Datasheet HTML 14Page - STMicroelectronics STWBC2-HP Datasheet HTML 15Page - STMicroelectronics STWBC2-HP Datasheet HTML 16Page - STMicroelectronics STWBC2-HP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Table 6. VIN current monitor operating parameters
Parameter
Value
Multiplication factor from V(VIN_SNS_P, VIN_SNS_N) to ADC mux
x 4.1
LPF
160Hz 2nd order
2.1.4.5
Bridge current monitor (Bridge_I)
The Bridge Current Sense stage provides a voltage proportional to the filtered value of current flowing in
RBRG_SNS to the ADC MUX. Since the sense resistor RBRG_SNS is placed at the bridge GND node, a
synchronous rectification is indirectly applied on the sensed voltage.
The current flowing in the sense resistor can be positive or negative; the zero cross detector is a simple
comparator (ZCD COMP) providing the polarity of the current flowing in RBRG_SNS.
The required 2nd order low pass filter (1 ms LPF) is implemented by means of external passive components as
shown in the figure below (requirement is T=1ms ±10%).
Figure 16. Bridge current monitor
Table 7. Bridge current monitor operating parameters
Parameter
Condition
Value
Multiplication factor from V(BRG_ISNS_P, BRG_ISNS_N) to ADC mux
Gain = 0
x 4
Gain = 1
x 8
Gain = 2
x 16
Gain = 3
x 32
2.1.4.6
Ring voltage monitor (Ring_V)
The tank ring voltage is AC coupled with the STWBC2-HP using an RC circuit. As RNG_SNS pin is maintained at
a fixed voltage, the ring voltage is converted in current flowing in the RNG_SNS pin thanks to the resistor:
IRNG_SNS=VRINGR
The current to voltage amplifier (IV) converts the input current in voltage. It rectifies also the signal.
The peak-to-peak detector tracks the positive and negative peaks of the ring signal.
The RNG_FT_S pin is driven by the rectified signal from IV converter or from the peak-to-peak detector. An
external 1 ms low pass filter is connected to the RNG_FT_S pin.
The output of the external low pass filter is connected to the RNG_FT_R pin. This signal is internally routed to the
ADC mux Ring_V input.
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 13/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com