Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC2-HP Datasheet(PDF) 21 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 17Page - STMicroelectronics STWBC2-HP Datasheet HTML 18Page - STMicroelectronics STWBC2-HP Datasheet HTML 19Page - STMicroelectronics STWBC2-HP Datasheet HTML 20Page - STMicroelectronics STWBC2-HP Datasheet HTML 21Page - STMicroelectronics STWBC2-HP Datasheet HTML 22Page - STMicroelectronics STWBC2-HP Datasheet HTML 23Page - STMicroelectronics STWBC2-HP Datasheet HTML 24Page - STMicroelectronics STWBC2-HP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
Figure 26. PLL
The PLL IP is comprised by the following main blocks:
Input Frequency Pre-Divider IFPD
Phase/Frequency Detector PFD
Charge Pump CPUMP
Loop Filter LF
Voltage Controlled Oscillator VCO
Loop Frequency Divider (in which LDF is the Loop Division Factor)
Delay Locked Loop DLL
Table 15. PLL operating parameters
PARAMETER/FEATURES/TOPIC
VALUE
COMMENT
Input Reference Clock Frequency (ωi)
8MHz to 56MHz
Typical 16MHz from MCU (MCO/XTAL)
Input Frequency Pre-Divider Factor – IFPD (M)
1 to 32
Adjustable
Pre-Divider Output Frequency (ωm)
2.375MHz to 20MHz
Loop Frequency Divider Factor – LDF (N)
2 to 16
Adjustable
VCO Frequency (ω0)
38MHz to 70MHz
ωo =(M/N)·ωi
Delay Locked Loop Output Frequency
38MHz to 70MHz
Frequency value of the 17 phases
(CLK<16:0>)
Maximum Lock Time
30ms + 256 cycles of PFD input
frequency
PFD frequency of 8 MHz÷20 MHz
60ms + 256 cycles of PFD input
frequency
PFD frequency of 4 MHz÷8 MHz
120ms + 256 cycles of PFD input
frequency
PFD frequency of 2.375 MHz÷4 MHz
2.1.11
GPIO
The STWBC2-HP AFE includes 4 GPIO (GPIO_DRx) that can be driven from internal PWM sources (see
Section 2.2.4 ). Using the dedicated SPI registers, these GPIO can also be used as general purpose digital input
or output.
Table 16. GPIO operating parameters
PARAMETER/FEATURES/TOPIC
VALUE
COMMENT
GPIO VDD
3.3 V
LDO3V3
STWBC2-HP
Analog AFE functions
DS13825 - Rev 1.0
page 21/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com