Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS3021
Description  Rail-to-rail 1.8 V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS3021 Datasheet HTML 3Page - STMicroelectronics TS3021 Datasheet HTML 4Page - STMicroelectronics TS3021 Datasheet HTML 5Page - STMicroelectronics TS3021 Datasheet HTML 6Page - STMicroelectronics TS3021 Datasheet HTML 7Page - STMicroelectronics TS3021 Datasheet HTML 8Page - STMicroelectronics TS3021 Datasheet HTML 9Page - STMicroelectronics TS3021 Datasheet HTML 10Page - STMicroelectronics TS3021 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Figure 7. Output voltage vs. source current, Vcc = 3.3 V
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
2.95
3.00
3.05
3.10
3.15
3.20
3.25
3.30
I
SOURCE (mA)
+125
oC
-40
oC
+25
oC
V
CC= 3.3V
output HIGH
Figure 8. Output voltage vs. sink current, Vcc = 3.3 V
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
I
SINK(mA)
+125
oC
-40
oC
+25
oC
V
CC= 3.3V
output LOW
Figure 9. Output voltage vs. source current, Vcc = 5 V
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
4.75
4.80
4.85
4.90
4.95
5.00
I
SOURCE (mA)
+125
oC
-40
oC
+25
oC
V
CC= 5V
output HIGH
Figure 10. Output voltage vs. sink current, Vcc = 5 V
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.00
0.05
0.10
0.15
0.20
0.25
I
SINK(mA)
+125
oC
-40
oC
+25
oC
V
CC= 5V
output LOW
Figure 11. Input offset voltage vs. temperature and
common mode voltage
-60 -40 -20
0
20
40
60
80
100 120 140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Temperature (
°C)
V
VICM= 0V
V
ICM= 5V
V
CC = 5V
Figure 12. Input bias current vs. temperature and input
voltage
-100 -80 -60 -40 -20
0
20
40
60
80
100
-350
-300
-250
-200
-150
-100
-50
0
50
100
I
IN+125
oC
I
IN-125
oC
I
IN- 25
oC
I
IN+25
oC
I
IN--40
oC
I
IN+-40
oC
V
IN(mV)
V
CC= 5V
V
ICM= 0V
TS3021, TS3021A
Electrical characteristic curves
DS4807 - Rev 9
page 7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com