Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS3021
Description  Rail-to-rail 1.8 V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS3021 Datasheet HTML 8Page - STMicroelectronics TS3021 Datasheet HTML 9Page - STMicroelectronics TS3021 Datasheet HTML 10Page - STMicroelectronics TS3021 Datasheet HTML 11Page - STMicroelectronics TS3021 Datasheet HTML 12Page - STMicroelectronics TS3021 Datasheet HTML 13Page - STMicroelectronics TS3021 Datasheet HTML 14Page - STMicroelectronics TS3021 Datasheet HTML 15Page - STMicroelectronics TS3021 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
5
Ordering information
Table 8. Order codes
Order code
Temperature range
Package
Packaging
Marking
TS3021ILT
-40 to 125 °C
SOT23-5
Tape and reel
K520
TS3021IYLT (1)
K529
TS3021ICT
SC70-5
K52
TS3021IYCT (1)
K5S
TS3021AILT
SOT23-5
K522
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
and Q 002 or equivalent
TS3021, TS3021A
Ordering information
DS4807 - Rev 9
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com