Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS3021
Description  Rail-to-rail 1.8 V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS3021 Datasheet HTML 4Page - STMicroelectronics TS3021 Datasheet HTML 5Page - STMicroelectronics TS3021 Datasheet HTML 6Page - STMicroelectronics TS3021 Datasheet HTML 7Page - STMicroelectronics TS3021 Datasheet HTML 8Page - STMicroelectronics TS3021 Datasheet HTML 9Page - STMicroelectronics TS3021 Datasheet HTML 10Page - STMicroelectronics TS3021 Datasheet HTML 11Page - STMicroelectronics TS3021 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 13. Current consumption vs. commutation
frequency
10k
100k
1M
0
100
200
300
400
500
600
V
CC= 2V
V
CC= 3.3V
Frequency(Hz)
V
CC= 5V
V
ICM= 0V
C
LOAD= 50pF
Figure 14. Propagation delay (HL) vs. overdrive at
Vcc = 2 V, Vicm = 0 V
0
10
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90
100
V
OV(mV)
TP
HL
T= -40
oC
TP
HL
T= 125
oC
TP
HL
T= 25
oC
V
CC= 2V
V
ICM= 0V
Figure 15. Propagation delay (HL) vs. overdrive at
Vcc = 2 V, Vicm = Vcc
0
10
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90
100
V
OV(mV)
TP
HL
T= -40
oC
TP
HL
T= 125
oC
TP
HL
T= 25
oC
V
CC= 2V
V
ICM= VCC
Figure 16. Propagation delay (LH) vs. overdrive at
Vcc = 2 V, Vicm = 0 V
0
10
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90
100
V
OV(mV)
TP
LH
T= -40
oC
TP
LH
T= 125
oC
TP
LH
T= 25
oC
V
CC= 2V
V
ICM= 0V
Figure 17. Propagation delay (LH) vs. overdrive at
Vcc = 2 V, Vicm = Vcc
0
10
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90
100
V
OV(mV)
TP
LH
T= -40
oC
TP
LH
T= 125
oC
TP
LH
T= 25
oC
V
CC= 2V
V
ICM= VCC
Figure 18. Propagation delay (HL) vs. overdrive at
Vcc = 3.3 V, Vicm = 0 V
0
10
20
30
40
50
60
70
80
90 100 110
20
30
40
50
60
70
80
90
100
V
OV(mV)
TP
HL
T= -40
oC
TP
HL
T= 125
oC
TP
HL
T= 25
oC
V
CC= 3.3V
V
ICM= 0V
TS3021, TS3021A
Electrical characteristic curves
DS4807 - Rev 9
page 8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com