Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS3021
Description  Rail-to-rail 1.8 V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS3021 Datasheet HTML 8Page - STMicroelectronics TS3021 Datasheet HTML 9Page - STMicroelectronics TS3021 Datasheet HTML 10Page - STMicroelectronics TS3021 Datasheet HTML 11Page - STMicroelectronics TS3021 Datasheet HTML 12Page - STMicroelectronics TS3021 Datasheet HTML 13Page - STMicroelectronics TS3021 Datasheet HTML 14Page - STMicroelectronics TS3021 Datasheet HTML 15Page - STMicroelectronics TS3021 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Revision history
Table 9. Document revision history
Date
Revision
Changes
01-Jun-2006
1
Initial release
01-Sep-2006
2
Dual version added
Pinout of single TS3021 corrected
Modified temperature range for input common mode voltage
22-Feb-2007
3
Addition of MiniSO-8 package for dual version
17-Oct-2007
4
Marking corrected for SO-8 package
Thermal resistance values corrected in AMR table
Notes on ESD added in AMR table
04-Dec-2008
5
Dual version (TS3022) removed
ESD tolerance modified in Table 1: Absolute maximum ratings
Made the following changes in Table 3:
– modified Vio typical value and maximum limits
– modified Iib typical value
– modified Icc typical values and corrected maximum limits
– modified Isc typical values
– modified Voh and Vol typical values
– modified CMRR and SVR typical values
– modified TPhl and TPlh typical values
All curves modified
03-Jan-2013
6
Features: added “automotive qualification”; added Related products.
Table 1 and Table 2: Vdd and Vcc replaced by (Vcc-) and (Vcc+) respectively.
Table 3, Table 4, and Table 5: replaced ∆Vio symbol with ∆Vio/∆T.
Table 6 and Table 7: minor update (added angle dimensions to “inches” columns).
Table 8: added automotive order code
02-Jun-2015
7
Table 3, Table 4, and Table 5: updated Vio parameter
Table 6: small "rounding-off modifications to inches parameter
Table 8: added order code TS3021AILT
07-Jul-2016
8
Added new part number TS3021A
Updated document layout
Table 3, Table 4, and Table 5: updated VIO test conditions and values.
17-Oct-2022
9
Added new TS3021IYCT order code in Table 8. Order codes
TS3021, TS3021A
DS4807 - Rev 9
page 15/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com