Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SPUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEF12SPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SPUR Datasheet(HTML) 5 Page - STMicroelectronics

  STEF12SPUR Datasheet HTML 1Page - STMicroelectronics STEF12SPUR Datasheet HTML 2Page - STMicroelectronics STEF12SPUR Datasheet HTML 3Page - STMicroelectronics STEF12SPUR Datasheet HTML 4Page - STMicroelectronics STEF12SPUR Datasheet HTML 5Page - STMicroelectronics STEF12SPUR Datasheet HTML 6Page - STMicroelectronics STEF12SPUR Datasheet HTML 7Page - STMicroelectronics STEF12SPUR Datasheet HTML 8Page - STMicroelectronics STEF12SPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
4
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Positive power supply voltage
-0.3 to 25
V
VOUT/source
Output voltage
-0.3 to Vcc+0.3
V
VG
Gate driver pin voltage
-0.3 to VOUT + 5
V
ILim
Current limit resistor pin voltage
-0.3 to 25
V
En/Fault
En/Fault pin voltage
-0.3 to 7
V
dV/dt
dV/dt pin voltage
-0.3 to 7
V
TJ-OP
Operating junction temperature range (1)
-40 to 125
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 s
260
°C
HBM
ESD protection - human body model
2
kV
CDM
ESD protection - charged device model (TSOT23-8L package)
500
V
ESD protection - charged device model (DFN10-3x3 package)
500
V
1. The thermal limit is set above the maximum thermal ratings. It is not recommended to operate the device at temperatures greater than the
maximum ratings for extended periods of time.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. Exposure to absolute maximum rating conditions may affect
device reliability. All values are referred to GND.
Table 3. Thermal data
Symbol
Parameter
DFN10-3x3
TSOT23-8L
Unit
RthJA
Thermal resistance junction-ambient (1)
53
140
°C/W
RthJC
Thermal resistance junction-case
21
35
°C/W
1. Based on JESD51-7, 4-layer PCB.
Table 4. Recommended operating condition
Symbol
Parameter
Value
Unit
VCC
Operating power supply voltage
10 to 13.8
V
ID
Maximum continuous current TA = 25°C (1)
3.5
A
CIN
Suggested input capacitor
1
µF
COUT
Minimum output capacitor
1
µF
RLim
Current limit resistor range
15.4 to 300
Ω
1. The maximum allowable power dissipation is a function of the maximum junction temperature TJ-OP = 125 °C, the junction-to-ambient
thermal resistance RthJA, and the ambient temperature TA and can be estimated by: PD(MAX) = (125 °C - TA) /RthJA. Exceeding the
maximum allowable power dissipation produces overheating that may cause thermal shutdown.
STEF12S
Maximum ratings
DS13002 - Rev 5
page 5/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com