Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SPUR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STEF12SPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SPUR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STEF12SPUR Datasheet HTML 16Page - STMicroelectronics STEF12SPUR Datasheet HTML 17Page - STMicroelectronics STEF12SPUR Datasheet HTML 18Page - STMicroelectronics STEF12SPUR Datasheet HTML 19Page - STMicroelectronics STEF12SPUR Datasheet HTML 20Page - STMicroelectronics STEF12SPUR Datasheet HTML 21Page - STMicroelectronics STEF12SPUR Datasheet HTML 22Page - STMicroelectronics STEF12SPUR Datasheet HTML 23Page - STMicroelectronics STEF12SPUR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
8.2
DFN10 (3 x 3 mm) package information
Figure 36. DFN10 (3 x 3 mm) package outline
7426335
STEF12S
DFN10 (3 x 3 mm) package information
DS13002 - Rev 5
page 20/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com