Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SPUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEF12SPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SPUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEF12SPUR Datasheet HTML 4Page - STMicroelectronics STEF12SPUR Datasheet HTML 5Page - STMicroelectronics STEF12SPUR Datasheet HTML 6Page - STMicroelectronics STEF12SPUR Datasheet HTML 7Page - STMicroelectronics STEF12SPUR Datasheet HTML 8Page - STMicroelectronics STEF12SPUR Datasheet HTML 9Page - STMicroelectronics STEF12SPUR Datasheet HTML 10Page - STMicroelectronics STEF12SPUR Datasheet HTML 11Page - STMicroelectronics STEF12SPUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
6
Application information
6.1
Turn-on and soft startup feature
When the input voltage is applied, the En/Fault pin goes up to the high state and the internal control circuitry is
enabled.
After an initial delay time of typically 250 µs, the output voltage is ramped up with a slope defined by the internal
dv/dt circuitry. If no additional capacitor is connected to dV/dt pin, the ramp-up time (VOUT from 10% to 90%) is
around 0.85 ms.
Connecting a capacitor between the Cdv/dt pin and GND allows the modification of the output voltage ramp-up
time. Given the desired time interval Δt during which the output voltage goes from zero to its maximum value, the
capacitance to be added on the Cdv/dt pin can be calculated using the following theoretical formula.
Δt ms =0.85+Cdv/dtpF ×0.021
Figure 5. Delay time and VOUT ramp-up time
0
2
4
6
8
10
12
Time
En/Fault
Vout
delay
time
ramp-up
time
90%
10%
Table 6. Rise time vs. Cdvdt
Cdvdt (pF)
0
22
33
47
100
180
270
470
1000
Rise time
(ms)
0.85
1.3
1.56
1.9
3
4.7
6.6
11
22
6.2
Maximum load at startup
Depending on supply voltage and load, it is possible that during startup the power dissipation is such that the
maximum power protection is triggered and the output is shut down before the startup is complete. The EN/Fault
signal is set according to Figure 6. En/Fault pin status. En/Fault pin behavior during thermal protection events.
In case of strong capacitive loads, the total start-up time may be longer than the programmed start-up time, since
it is dependent also on the limitation current, the output load and the output capacitance value. In such a situation,
the foldback current limit could activate, so that the startup is longer or interrupted by the intervention of thermal
protection. To avoid this occurrence, a longer start-up time should be set by the appropriate selection of the Cdv/dt
capacitor.
6.3
Normal operating conditions
The STEF12S eFuse behaves like a mechanical fuse, supplying the circuitry on its output with the same voltage
shown on its input, with a small voltage fall due to the internal N-channel MOSFET RDS(on).
STEF12S
Application information
DS13002 - Rev 5
page 8/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com