Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SPUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEF12SPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SPUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEF12SPUR Datasheet HTML 2Page - STMicroelectronics STEF12SPUR Datasheet HTML 3Page - STMicroelectronics STEF12SPUR Datasheet HTML 4Page - STMicroelectronics STEF12SPUR Datasheet HTML 5Page - STMicroelectronics STEF12SPUR Datasheet HTML 6Page - STMicroelectronics STEF12SPUR Datasheet HTML 7Page - STMicroelectronics STEF12SPUR Datasheet HTML 8Page - STMicroelectronics STEF12SPUR Datasheet HTML 9Page - STMicroelectronics STEF12SPUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
5
Electrical characteristics
VCC = 12 V, VEn/Fault = 5 V, CI = 10 µF, CO = 10 µF, TJ = 25 °C (unless otherwise specified).
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Under/Overvoltage protection
VClamp
Average output clamping voltage
VCC = 17 V
13.8
15
16.2
V
VUVLO
Undervoltage lockout
Turn-on, voltage rising
7.7
8.5
9.3
V
VHyst
UVLO hysteresis
0.8
V
Power MOSFET
tdly
Delay time
Enabling of chip to soft start beginning
(10 % of VOUT), No Cdv/dt
250
µs
RDSon
On-resistance (1)
TJ = 25 °C
40
50
mΩ
TJ = 85 °C (2)
48
VOFF
Off-state output voltage
VCC = 18 V, VGS = 0, RL = infinite
1
10
mV
Current Limit
IShort
Short-circuit current limit
RLim = 22 Ω, STEF12SGR
2.8
A
ILim
Overload current limit
RLim = 22 Ω, STEF12SGR
5.5
A
IShort
Short-circuit current limit
RLim = 22 Ω, STEF12SPUR
2.4
A
ILim
Overload current limit
RLim = 22 Ω, STEF12SPUR
4.6
A
IShort
Short-circuit current limit
RLim = 39 Ω, STEF12SGR
1.9
A
ILim
Overload current limit
RLim = 39 Ω, STEF12SGR
3.8
A
dv/dt circuit
dv/dt
Output voltage ramp time
From 10% to 90% of VOUT, no Cdv/dt
0.85
ms
En/Fault
VIL
Low level input voltage
Output disabled
1.8
V
VI(INT)
Intermediate level input voltage
Thermal fault, output disabled
1.2
1.3
1.45
V
VIH
High level input voltage
Output enabled
2.5
V
VI(MAX)
High state maximum voltage
4.9
V
IIL
Low level input current (sink)
VEn/Fault = 0 V
-20
-50
µA
II
High level leakage current for
external switch
VEn/Fault = 5 V
1
µA
Maximum fan-out for fault signal
Total numbers of chips that can be connected to
this pin for simultaneous shutdown
3
Units
Current consumption
IBias
Bias current
Device operational
0.37
mA
Thermal shutdown (2)
0.16
Off mode, VEn/Fault = 0 V
0.12
External MOSFET gate driver (DFN10 package only)
IG
Sourcing current
Device On
30
µA
STEF12S
Electrical characteristics
DS13002 - Rev 5
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com