Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SAPUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STEF12SAPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SAPUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STEF12SAPUR Datasheet HTML 9Page - STMicroelectronics STEF12SAPUR Datasheet HTML 10Page - STMicroelectronics STEF12SAPUR Datasheet HTML 11Page - STMicroelectronics STEF12SAPUR Datasheet HTML 12Page - STMicroelectronics STEF12SAPUR Datasheet HTML 13Page - STMicroelectronics STEF12SAPUR Datasheet HTML 14Page - STMicroelectronics STEF12SAPUR Datasheet HTML 15Page - STMicroelectronics STEF12SAPUR Datasheet HTML 16Page - STMicroelectronics STEF12SAPUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Figure 12. RDS_ON vs. temperature
25
30
35
40
45
50
55
60
65
70
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
IOUT = 500 mA
Figure 13. ILIM vs. temperature
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
RLIM= 39Ω
Figure 14. IShort vs. temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
R = 39 Ω
LIM
Figure 15. Clamping voltage vs. temperature
12
13
14
15
16
17
18
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 16. UVLO vs. temperature
7.00
7.50
8.00
8.50
9.00
9.50
10.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 17. UVLO hysteresis vs. temperature
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
STEF12S
Typical characteristics
DS13002 - Rev 5
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com