Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SAPUR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STEF12SAPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SAPUR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STEF12SAPUR Datasheet HTML 23Page - STMicroelectronics STEF12SAPUR Datasheet HTML 24Page - STMicroelectronics STEF12SAPUR Datasheet HTML 25Page - STMicroelectronics STEF12SAPUR Datasheet HTML 26Page - STMicroelectronics STEF12SAPUR Datasheet HTML 27Page - STMicroelectronics STEF12SAPUR Datasheet HTML 28Page - STMicroelectronics STEF12SAPUR Datasheet HTML 29Page - STMicroelectronics STEF12SAPUR Datasheet HTML 30Page - STMicroelectronics STEF12SAPUR Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Typical application circuit ............................................................. 4
Figure 4.
Application with external reverse current blocking MOSFET ..................................... 4
Figure 5.
Delay time and VOUT ramp-up time ...................................................... 8
Figure 6.
En/Fault pin status ................................................................ 10
Figure 7.
PCB layout example ............................................................... 11
Figure 8.
ILim and IShort vs. RLim - (STEF12SGR) .................................................. 12
Figure 9.
ILim and IShort vs. RLim - (STEF12SPUR) ................................................. 12
Figure 10.
Bias current vs. temperature.......................................................... 12
Figure 11.
Bias current vs. temperature (thermal shutdown)............................................ 12
Figure 12.
RDS_ON vs. temperature............................................................. 13
Figure 13.
ILIM vs. temperature ............................................................... 13
Figure 14.
IShort vs. temperature............................................................... 13
Figure 15.
Clamping voltage vs. temperature ...................................................... 13
Figure 16.
UVLO vs. temperature .............................................................. 13
Figure 17.
UVLO hysteresis vs. temperature ...................................................... 13
Figure 18.
En/Fault pin thresholds vs. temperature .................................................. 14
Figure 19.
En/Fault pull-up voltage vs. temperature ................................................. 14
Figure 20.
En/Fault pin current vs. temperature (En/Fault to GND) ....................................... 14
Figure 21.
Soft-start time vs. temperature (no Cdvdt) ................................................. 14
Figure 22.
Start-up via input voltage (no load) ..................................................... 14
Figure 23.
Start-up via En/Fault pin (no load) ..................................................... 14
Figure 24.
Start-up via input voltage (5 Ω load) .................................................... 15
Figure 25.
Start-up via input voltage (COUT = 1500 µF) ............................................... 15
Figure 26.
Start-up into voltage clamp........................................................... 15
Figure 27.
Voltage clamp during operation........................................................ 15
Figure 28.
Start-up into output short-circuit ....................................................... 15
Figure 29.
Start-up into overload .............................................................. 15
Figure 30.
Overcurrent protection during operation .................................................. 16
Figure 31.
Output short-circuit during operation .................................................... 16
Figure 32.
Thermal shutdown (latched version) .................................................... 16
Figure 33.
Thermal shutdown (autoretry version) ................................................... 16
Figure 34.
TSOT23-8L package outline.......................................................... 17
Figure 35.
TSOT23-8L recommended footprint .................................................... 19
Figure 36.
DFN10 (3 x 3 mm) package outline ..................................................... 20
Figure 37.
DFN10 (3 x 3 mm) recommended footprint ................................................ 21
Figure 38.
TSOT23-8L reel drawing outline ....................................................... 22
Figure 39.
TSOT23-8L carrier tape ............................................................. 23
Figure 40.
TSOT23-8L device orientation in tape ................................................... 23
Figure 41.
DFN10 (3 x 3 mm) reel drawing outline .................................................. 24
Figure 42.
DFN10 (3 x 3 mm) carrier tape ........................................................ 25
Figure 43.
DFN10 (3 x 3 mm) device orientation in tape .............................................. 25
STEF12S
List of figures
DS13002 - Rev 5
page 30/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com