Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SAPUR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEF12SAPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SAPUR Datasheet(HTML) 3 Page - STMicroelectronics

  STEF12SAPUR Datasheet HTML 1Page - STMicroelectronics STEF12SAPUR Datasheet HTML 2Page - STMicroelectronics STEF12SAPUR Datasheet HTML 3Page - STMicroelectronics STEF12SAPUR Datasheet HTML 4Page - STMicroelectronics STEF12SAPUR Datasheet HTML 5Page - STMicroelectronics STEF12SAPUR Datasheet HTML 6Page - STMicroelectronics STEF12SAPUR Datasheet HTML 7Page - STMicroelectronics STEF12SAPUR Datasheet HTML 8Page - STMicroelectronics STEF12SAPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Pin configuration
Figure 2. Pin connection (top view)
ILim
En/Fault
dV/dt
GND
Vcc
Vcc
Source
Source
Vcc
Source
Source
Source
Source
Source
GND
dV
/dt
En /Fault
I
Lim
V
G
TSOT23-8L
DFN10 3x3
Table 1. Pin description
Pin #
Symbol
Function
TSOT23-8L
DFN10
1
4
ILim(1)
An RLim resistor between this pin and the Source pin sets the overload and
short-circuit current limit levels.
2
3
En/Fault
The En/Fault pin is a tri-state, bi-directional interface. During the normal
operation, the pin must be left floating, or it can be used to disable the
output of the device by pulling it to ground using an open drain or open
collector device.
If a thermal fault occurs, the voltage on this pin goes into an intermediate
state to signal a monitor circuit that the device is in thermal shutdown. It
can be connected to another device of this family to cause a simultaneous
shutdown during thermal events.
3
2
dV/dt
The internal dV/dt circuit controls the slew rate of the output voltage at
turn-on. The internal capacitor allows a ramp-up time of around 0.85 ms. An
external capacitor can be added to this pin to increase the ramp time. If an
additional capacitor is not required, this pin should be left open.
4
1
GND
Ground connection.
5-6
6-10
Source/VOUT
Connected to the source of the internal power MOSFET and to the output
terminal of the fuse.
-
5
VG
Gate driver output for the optional external reverse-blocking power MOS.
Leave floating if not used.
7-8
Exposed pad
VCC
Positive input voltage of the eFuse.
1. Important: missing or shorted RLim causes current limit circuit malfunction and may lead to device damage.
STEF12S
Pin configuration
DS13002 - Rev 5
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com