Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12SAPUR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STEF12SAPUR
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12SAPUR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STEF12SAPUR Datasheet HTML 14Page - STMicroelectronics STEF12SAPUR Datasheet HTML 15Page - STMicroelectronics STEF12SAPUR Datasheet HTML 16Page - STMicroelectronics STEF12SAPUR Datasheet HTML 17Page - STMicroelectronics STEF12SAPUR Datasheet HTML 18Page - STMicroelectronics STEF12SAPUR Datasheet HTML 19Page - STMicroelectronics STEF12SAPUR Datasheet HTML 20Page - STMicroelectronics STEF12SAPUR Datasheet HTML 21Page - STMicroelectronics STEF12SAPUR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Table 9. TSOT23-8L mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1
A1
0.01
0.05
0.1
A2
0.84
0.87
0.9
b
0.22
-
0.36
b1
0.22
0.26
0.3
c
0.12
0.15
0.2
c1
0.08
0.13
0.16
D
-
2.90 BSC
-
E
-
2.80 BSC
-
E1
-
1.60 BSC
-
e
-
0.65 BSC
-
e1
-
1.95 BSC
-
L
0.3
0.4
0.5
L1
-
0.60 BSC
-
L2
-
0.25 BSC
-
R
0.1
-
-
R1
0.1
-
0.25
Θ
0
4°
8°
Θ1
4°
10°
12°
Tolerance of form and position
aaa
0.15
bbb
0.25
ccc
0.1
ddd
0.13
N
8
ND
4
STEF12S
TSOT23-8L package information
DS13002 - Rev 5
page 18/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com