Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4002Y Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PBLS4002Y
Description  40 V, 500 mA PNP loadswitch transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4002Y Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PBLS4002Y Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
PBLS4002Y
40 V, 500 mA PNP loadswitch transistor
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1: PNP low VCEsat transistor
V(BR)CBO
collector-base
breakdown voltage
IC = -100 µA; IE = 0 A; Tamb = 25 °C
-40
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = -10 mA; IB = 0 A; Tamb = 25 °C
-40
-
-
V
V(BR)EBO
emitter-base
breakdown voltage
IC = 0 A; IE = 100 µA; Tamb = 25 °C
-6
-
-
V
VCB = -40 V; IE = 0 A; Tamb = 25 °C
-
-
-100
nA
ICBO
collector-base cut-off
current
VCB = -40 V; IE = 0 A; Tamb = 150 °C
-
-
-50
µA
IEBO
emitter-base cut-off
current
VEB = -5 V; IC = 0 mA; Tamb = 25 °C
-
-
-100
nA
VCE = -2 V; IC = -10 mA; pulsed;
Tamb = 25 °C
200
-
-
VCE = -2 V; IC = -100 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
150
-
-
hFE
DC current gain
VCE = -2 V; IC = -500 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
40
-
-
IC = -10 mA; IB = -0.5 mA; Tamb = 25 °C
-
-
-50
mV
IC = -100 mA; IB = -5 mA; Tamb = 25 °C
-
-
-130
mV
IC = -200 mA; IB = -10 mA; Tamb = 25 °C
-
-
-200
mV
VCEsat
collector-emitter
saturation voltage
IC = -500 mA; IB = -50 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02 %; Tamb = 25 °C
-
-
-350
mV
RCEsat
collector-emitter
saturation resistance
-
440
700
mΩ
VBEsat
base-emitter saturation
voltage
IC = -500 mA; IB = -50 mA;
Tamb = 25 °C; pulsed; tp ≤ 300 µs;
δfactor ≤ 0.02
-
-
-1.2
V
VBEon
base-emitter turn-on
voltage
VCE = -2 V; IC = -100 mA; Tamb = 25 °C;
pulsed; tp ≤ 300 µs; δfactor ≤ 0.02
-
-
-1.1
V
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
10
pF
fT
transition frequency
VCE = -5 V; IC = -100 mA; f = 100 MHz;
Tamb = 25 °C
100
300
-
MHz
TR2: NPN resistor-equipped transistor
V(BR)CBO
collector-base
breakdown voltage
IC = 100 µA; IE = 0 A; Tamb = 25 °C
50
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = 10 mA; IB = 0 A; Tamb = 25 °C
50
-
-
V
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
VCE = 50 V; IB = 0 A; Tamb = 25 °C
-
-
1
µA
ICEO
collector-emitter cut-off
current
VCE = 50 V; IB = 0 A; Tamb = 150 °C
-
-
50
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
-
-
900
µA
hFE
DC current gain
VCE = 5 V; IC = 10 mA; Tamb = 25 °C
30
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA; Tamb = 25 °C
-
-
150
mV
PBLS4002Y
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com