Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4002Y Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PBLS4002Y
Description  40 V, 500 mA PNP loadswitch transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4002Y Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PBLS4002Y Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PBLS4002Y
40 V, 500 mA PNP loadswitch transistor
1 January 2023
Product data sheet
1. General description
PNP low VCEsat transistor and NPN Resistor-Equipped Transistor (RET) in one very small SOT363
(SC-88) Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Low VCEsat transistor and resistor-equipped transistor in one package
• Low threshold voltage (<1 V) compared to MOSFET
• Low drive power required
• Space-saving solution
• Reduction of component count
3. Applications
• Supply line switches
• Battery charger switches
• High-side switches for LEDs, drivers and backlights
• Portable equipment
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1: PNP low VCEsat transistor
VCEO
collector-emitter
voltage
open base
-
-
-40
V
IClim
limiting collector current
-
-
-500
mA
RCEsat
collector-emitter
saturation resistance
IC = -500 mA; IB = -50 mA;
Tamb = 25 °C; pulsed; tp ≤ 300 µs;
δfactor ≤ 0.02
-
440
700
mΩ
TR2: NPN resistor-equipped transistor
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
3.3
4.7
6.1
kΩ
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PBLS4002Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4002Y PHILIPS-PBLS4002Y Datasheet
86Kb / 14P
40 V PNP BISS loadswitch
Rev. 01-6 December 2004
PBLS4002Y PHILIPS-PBLS4002Y Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBLS4002Y NXP-PBLS4002Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-12 February 2009
logo
Nexperia B.V. All right...
PBLS4002Y-Q NEXPERIA-PBLS4002Y-Q Datasheet
276Kb / 12P
40 V PNP loadswitch transistor
27 April 2022
More results

Similar Description - PBLS4002Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4003Y PHILIPS-PBLS4003Y Datasheet
121Kb / 11P
40 V PNP BISS loadswitch
Rev. 02-14 July 2005
PBSS3540E NXP-PBSS3540E Datasheet
173Kb / 11P
40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBLS4002Y NXP-PBLS4002Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-12 February 2009
PBLS4003Y NXP-PBLS4003Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-13 February 2009
PBLS4004D NXP-PBLS4004D Datasheet
156Kb / 15P
40 V PNP BISS loadswitch
Rev. 03-6 January 2009
PBLS4004Y NXP-PBLS4004Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-16 February 2009
PBLS4005D NXP-PBLS4005D Datasheet
156Kb / 15P
40 V PNP BISS loadswitch
Rev. 03-6 January 2009
logo
Nexperia B.V. All right...
PBLS4002Y-Q NEXPERIA-PBLS4002Y-Q Datasheet
276Kb / 12P
40 V PNP loadswitch transistor
27 April 2022
PBLS4001Y NEXPERIA-PBLS4001Y Datasheet
450Kb / 12P
40 V PNP BISS loadswitch
Rev. 03 - 12 February 2009
PBLS4002D NEXPERIA-PBLS4002D Datasheet
271Kb / 16P
40 V PNP BISS loadswitch
Rev. 03 - 5 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com