Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4002Y Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PBLS4002Y
Description  40 V, 500 mA PNP loadswitch transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4002Y Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PBLS4002Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Nexperia
PBLS4002Y
40 V, 500 mA PNP loadswitch transistor
14. Revision history
Table 9. Revision history
Data sheet ID
Release date
Data sheet status
Change
notice
Supersedes
PBLS4002Y v.5
20230101
Product data sheet
-
PBLS4002Y v.4
Modifications:
• Product changed to non-automotive qualification. Please refer to nexperia.com for
automotive (-Q) product alternative(s).
PBLS4002Y v.4
20220427
Product data sheet
-
PBLS4002Y_PBLS4002V_3
PBLS4002Y_PBLS4002V_3
20090212
Product data sheet
-
PBLS4002Y_PBLS4002V_2
PBLS4002Y_PBLS4002V_2
20050719
Product data sheet
-
PBLS4002Y_PBLS4002V_1
PBLS4002Y_PBLS4002V_1
20041206
Product data sheet
-
-
PBLS4002Y
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
10 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com