Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4002Y Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PBLS4002Y
Description  40 V, 500 mA PNP loadswitch transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS4002Y Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PBLS4002Y Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBLS4002Y Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
PBLS4002Y
40 V, 500 mA PNP loadswitch transistor
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VI(off)
off-state input voltage
VCE = 5 V; IC = 100 µA; Tamb = 25 °C
-
1.1
0.5
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 20 mA; Tamb = 25 °C
2.5
1.9
-
V
R1
bias resistor 1 (input)
3.3
4.7
6.1
kΩ
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
-
2.5
pF
006aaa388
200
400
600
hFE
0
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
(1)
(2)
(3)
VCE = −2 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 1. TR1 (PNP): DC current gain as a function of
collector current; typical values
VCE (V)
0
- 5
- 4
- 2
- 3
- 1
006aaa394
- 0.4
- 0.6
- 0.2
- 0.8
- 1
IC
(A)
0
IB (mA) = - 30
- 3
- 6
- 9
- 12
- 15
- 27
- 24
- 21
- 18
Tamb = 25 °C
Fig. 2. TR1 (PNP): Collector current as a function of
collector-emitter voltage; typical values
006aaa389
- 0.5
- 0.7
- 0.3
- 0.9
- 1.1
VBE
(V)
- 0.1
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
(1)
(2)
(3)
VCE = −2 V
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 3. TR1 (PNP): Base-emitter voltage as a function
of collector current; typical values
006aaa392
- 0.5
- 0.7
- 0.3
- 0.9
- 1.1
VBEsat
(V)
- 0.1
IC (mA)
- 10- 1
- 103
- 102
- 1
- 10
(1)
(2)
(3)
IC/IB = 20
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 4. TR1 (PNP): Base-emitter saturation voltage as a
function of collector current; typical values
PBLS4002Y
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com