Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480ACDR/US Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1480ACDR/US
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480ACDR/US Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1480ACDR/US Datasheet HTML 2Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 3Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 4Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 5Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 6Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 7Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 8Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 9Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Table 7. Receiver electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VTH
Receiver differential
threshold voltage
VCM=-7 V to 12 V, DE = 0
-0.2
-0.015
V
ΔVTH
Receiver input hysteresis
VCM=0 V
30
µV
VOH
Receiver output high voltage
IOUT = -4 mA, VID = 200 mV, (Figure 8. Drive enable and
disable times waveforms)
2
V
VOL
Receiver output low voltage
IOUT= 4 mA, VID = -200 mV, (Figure 3. Driver VOD with
varying common mode voltage test load)
0.4
V
IOZR
3-state (high impedance)
output current at receiver
VCC= 3.6 V, VO = 0 V to VCC
±1
µA
RRIN
Receiver input resistance
VCM = -7 V to 12 V
24
kΩ
IOSR
Receiver short-circuit current
VRO = 0 V to VCC
7
60
mA
Table 8. Driver switching characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
DR
Maximum data rate
12
15
Mbps
tDD
Differential output delay
RL= 60 Ω, CL= 15 pF, (Figure 4. Receiver VOH and VOL test
circuit and Figure 5. Drive differential output delay transition
time test circuit)
18
30
ns
tTD
Differential output
transition time
RL= 60 Ω, CL= 15 pF, (Figure 4. Receiver VOH and VOL test
circuit and Figure 5. Drive differential output delay transition
time test circuit)
12
20
ns
tPLH
tPHL
Propagation delay
RL= 27 Ω, CL= 15 pF, (Figure 8. Drive enable and disable
times waveforms and Figure 9. Drive propagation time test
circuit)
18
30
ns
tPDS
|tPLH - tPHL|propagation
delay skew(1)
RL= 27 Ω, CL= 15 pF, (Figure 8. Drive enable and disable
times waveforms and Figure 9. Drive propagation time test
circuit)
2
5
ns
tPZL
Output enable time
RL= 110 Ω, (Figure 10. Drive propagation time waveform and
Figure 11. Drive enable and disable times test circuit (RL=
110 Ω))
19
35
ns
tPZH
Output enable time
RL= 110 Ω, (Figure 10. Drive propagation time waveform and
Figure 11. Drive enable and disable times test circuit (RL=
110 Ω))
30
50
ns
tPHZ
Output disable time
RL= 110 , (Figure 6. Drive differential output delay transition
time waveform and Figure 7. Drive enable and disable times
test circuit)
19
35
ns
tPLZ
Output disable time
RL= 110 Ω (Figure 10. Drive propagation time waveform and
Figure 11. Drive enable and disable times test circuit (RL=
110 Ω))
30
50
ns
tSKEW
Differential output delay
skew
1
3
ns
tZH(SHDN)
Driver enable from
shutdown to output high
30
50
ns
tZL(SHDN)
Driver enable from
shutdown to output low
19
35
ns
1. Measured on |tPLH(A)-tPHL(A)| and |tPLH(B)-tPHL(B)|
ST1480US
Electrical characteristics
DS13697 - Rev 1
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com