Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480ACDR/US Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1480ACDR/US
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480ACDR/US Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1480ACDR/US Datasheet HTML 3Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 4Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 5Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 6Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 7Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 8Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 9Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 10Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Table 9. Receiver switching characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
tPLH
tPHL
Propagation delay
VID= 0 V to 3 V, CL1=15 pF (Figure 12. Drive enable and disable
times waveforms (B) and Figure 13. Receiver propagation delay
time test circuit)
30
50
ns
tRPDS
|tPLH - tPHL|
propagation delay
skew
VID= 0 V to 3 V, CL1=15 pF (Figure 12. Drive enable and disable
times waveforms (B) and Figure 13. Receiver propagation delay
time test circuit)
1
3
ns
tPZL
Outputenable time
CRL= 15 pF, (Figure 14. Receiver propagation delay time
waveforms and Figure 18. Receiver enable and disable times
waveform (S2 closed))
10
20
ns
tPZH
Outputenable time
CRL= 15 pF, (Figure 14. Receiver propagation delay time
waveforms and Figure 18. Receiver enable and disable times
waveform (S2 closed))
10
20
ns
tPHZ
Outputdisable time
CRL= 15 pF, (Figure 14. Receiver propagation delay time
waveforms and Figure 18. Receiver enable and disable times
waveform (S2 closed))
10
20
ns
tPLZ
Outputdisable time
CRL= 15 pF, (Figure 14. Receiver propagation delay time
waveforms and Figure 18. Receiver enable and disable times
waveform (S2 closed))
10
20
ns
tZH(SHDN)
Receiver enable from
shutdown to output
high
CRL= 15 pF, (Figure 14. Receiver propagation delay time
waveforms and Figure 18. Receiver enable and disable times
waveform (S2 closed))
10
20
ns
tZL(SHDN)
Receiver enable from
shutdown to output
low
CRL= 15 pF, (Figure 14. Receiver propagation delay time
waveforms and Figure 18. Receiver enable and disable times
waveform (S2 closed))
20
40
µs
ST1480US
Electrical characteristics
DS13697 - Rev 1
page 7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com