Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480ACDR/US Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1480ACDR/US
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480ACDR/US Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1480ACDR/US Datasheet HTML 9Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 10Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 11Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 12Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 13Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 14Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 15Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 16Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Figure 17. Receiver enable and disable times waveform (S1 closed)
Figure 18. Receiver enable and disable times waveform (S2 closed)
Figure 19. Receiver enable and disable times waveform (S2 open)
ST1480US
Test circuits and typical characteristics
DS13697 - Rev 1
page 13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com