Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480ACDR/US Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1480ACDR/US
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480ACDR/US Datasheet(HTML) 1 Page - STMicroelectronics

  ST1480ACDR/US Datasheet HTML 1Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 2Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 3Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 4Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 5Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 6Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 7Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 8Page - STMicroelectronics ST1480ACDR/US Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SO8
Features
•
ESD protection
–
– ±15 kV human body model
–
– ±8 kV IEC 1000-4-2 contact discharge
•
Operates from a single 3.3 V supply - no charge pump required
•
Interoperable with 5 V logic
•
1 μA low current shutdown mode max.
•
Guaranteed 12 Mbps data rate
•
-7 to 12 common mode input voltage range
•
Half duplex versions available
•
Industry standard 75176 pinout
•
Current limiting and thermal shutdown for driver overload protection
•
Guaranteed high receiver output state for floating, shorted or terminated inputs
with no signal present
•
Allows up to 64 transceivers on the bus
Description
The ST1480US is ±15 kV ESD protected, 3.3 V low power transceiver for RS-485
and RS-422 communications. The device contains one driver and one receiver in half
duplex configuration. The ST1480US transmits and receives at a guaranteed data
rate of at least 12 Mbps. All transmitter outputs and receiver inputs are protected
to ±15 kV using human body model. Driver is short-circuit current limited and is
protected against excessive power dissipation by thermal shutdown circuitry that
places the driver outputs into a high-impedance state.
The ST1480US input has a true fail-safe feature that guarantees a logic high output if
both inputs are open circuit, shorted together or in the presence of a termination with
no signal on the bus.
Product status link
ST1480US
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422
transceiver
ST1480US
Datasheet
DS13697 - Rev 1 - April 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST1480ACDR/US

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480ACDR STMICROELECTRONICS-ST1480ACDR Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST1480ACDR STMICROELECTRONICS-ST1480ACDR Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
More results

Similar Description - ST1480ACDR/US

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
logo
Analog Devices
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com