Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC767FD Datasheet(PDF) 51 Page - NXP Semiconductors

Part # P87LPC767FD
Description  Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC767FD Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button P87LPC767FD Datasheet HTML 47Page - NXP Semiconductors P87LPC767FD Datasheet HTML 48Page - NXP Semiconductors P87LPC767FD Datasheet HTML 49Page - NXP Semiconductors P87LPC767FD Datasheet HTML 50Page - NXP Semiconductors P87LPC767FD Datasheet HTML 51Page - NXP Semiconductors P87LPC767FD Datasheet HTML 52Page - NXP Semiconductors P87LPC767FD Datasheet HTML 53Page - NXP Semiconductors P87LPC767FD Datasheet HTML 54Page - NXP Semiconductors P87LPC767FD Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Philips Semiconductors
Product data
87LPC767
Low power, low price, low pin count (20 pin)
microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
48
BIT
SYMBOL
FUNCTION
UCFG2.7, 6
SB2, SB1
EPROM security bits. See table entitled, “EPROM Security Bits” for details.
UCFG2.5–0
—
Reserved for future use.
—
SU01186
—
—
—
—
—
SB1
SB2
0
1
2
3
4
5
6
7
UCFG2
Unprogrammed Value: FFh
Address: FD01h
Figure 39. EPROM System Configuration Byte 2 (UCFG2)
Security Bits
When neither of the security bits are programmed, the code in the EPROM can be verified. When only security bit 1 is programmed, all further
programming of the EPROM is disabled. At that point, only security bit 2 may still be programmed. When both security bits are programmed,
EPROM verify is also disabled.
Table 11. EPROM Security Bits
SB2
SB1
Protection Description
1
1
Both security bits unprogrammed. No program security features enabled. EPROM is programmable and verifiable.
1
0
Only security bit 1 programmed. Further EPROM programming is disabled. Security bit 2 may still be programmed.
0
1
Only security bit 2 programmed. This combination is not supported.
0
0
Both security bits programmed. All EPROM verification and programming are disabled.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNIT
Operating temperature under bias
–55 to +125
°C
Storage temperature range
–65 to +150
°C
Voltage on RST/VPP pin to VSS
0 to +11.0
V
Voltage on any other pin to VSS
–0.5 to VDD+0.5 V
V
Maximum IOL per I/O pin
20
mA
Power dissipation (based on package heat transfer, not device power consumption)
1.5
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification are not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com