Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC767FD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P87LPC767FD
Description  Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC767FD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P87LPC767FD Datasheet HTML 8Page - NXP Semiconductors P87LPC767FD Datasheet HTML 9Page - NXP Semiconductors P87LPC767FD Datasheet HTML 10Page - NXP Semiconductors P87LPC767FD Datasheet HTML 11Page - NXP Semiconductors P87LPC767FD Datasheet HTML 12Page - NXP Semiconductors P87LPC767FD Datasheet HTML 13Page - NXP Semiconductors P87LPC767FD Datasheet HTML 14Page - NXP Semiconductors P87LPC767FD Datasheet HTML 15Page - NXP Semiconductors P87LPC767FD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Philips Semiconductors
Product data
87LPC767
Low power, low price, low pin count (20 pin)
microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
9
ADCON
Address: C0h
Bit addressable
Reset Value: 00h
BIT
SYMBOL
FUNCTION
ADCON.7
ENADC
When ENADC = 1, the A/D is enabled and conversions may take place. Must be set 10
microseconds before a conversion is started. ENADC cannot be cleared while ADCS or ADCI
are 1.
ADCON.6
-
Reserved for future use. Should not be set to 1 by user programs.
ADCON.5
-
Reserved for future use. Should not be set to 1 by user programs.
ADCON.4
ADCI
A/D conversion complete/interrupt flag. This flag is set when an A/D conversion is completed.
This bit will cause a hardware interrupt if enabled and of sufficient priority. Must be cleared by
software.
ADCON.3
ADCS
A/D start. Setting this bit by software starts the conversion of the selected A/D input. ADCS
remains set while the A/D conversion is in progress and is cleared automatically upon
completion. While ADCS or ADCI are one, new start commands are ignored.
ADCI, ADCS
A/D Status
0 0
A/D not busy, a conversion can be started.
0 1
A/D busy, the start of a new conversion is blocked.
1 0
An A/D conversion is complete. ADCI must be cleared prior to starting a new conversion.
1 1
An A/D conversion is complete. ADCI must be cleared prior to starting a new conversion. This
state exists for one machine cycle as an A/D conversion is completed.
ADCON.2
RCCLK
When RCCLK = 0, the CPU clock is used as the A/D clock. When RCCLK = 1, the internal RC
oscillator is used as the A/D clock. This bit is writable while ADCS and ADCI are 0.
ADCON.1, 0
AADR1,0
Along with AADR0, selects the A/D channel to be converted. These bits can only be written
while ADCS and ADCI are 0.
AADR1, AADR0
A/D Input Selected
0 0
AD0 (P0.3).
0 1
AD1 (P0.4).
1 0
AD2 (P0.5).
1 1
AD3 (P0.6).
7
6
54
32
10
ENADC
-
-
ADCI
ADCS
RCCLK
AADR1
AADR0
SU01354
Figure 2. A/D Control Register (ADCON)
A/D Timing
The A/D may be clocked in one of two ways. The default is to use
the CPU clock as the A/D clock source. When used in this manner,
the A/D completes a conversion in 31 machine cycles. The A/D may
be operated up to the maximum CPU clock rate of 20 MHz, giving a
conversion time of 9.3
µs. The formula for calculating A/D
conversion time when the CPU clock runs the A/D is: 186
µs / CPU
clock rate (in MHz). To obtain accurate A/D conversion results, the
CPU clock must be at least 1 MHz.
The A/D may also be clocked by the on-chip RC oscillator, even if
the RC oscillator is not used as the CPU clock. This is accomplished
by setting the RCCLK bit in ADCON. This arrangement has several
advantages. First, the A/D conversion time is faster at lower CPU
clock rates. Also, the CPU may be run at speeds below 1 MHz
without affecting A/D accuracy. Finally, the Power Down mode may
be used to completely shut down the CPU and its oscillator, along
with other peripheral functions, in order to obtain the best possible
A/D accuracy. This should not be used if the MCU uses an external
clock source greater than 4 MHz.
When the A/D is operated from the RCCLK while the CPU is running
from another clock source, 3 or 4 machine cycles are used to
synchronize A/D operation. The time can range from a minimum of 3
machine cycles (at the CPU clock rate) + 108 RC clocks to a
maximum of 4 machine cycles (at the CPU clock rate) + 112 RC
clocks.
Example A/D conversion times at various CPU clock rates are
shown in Table 1. In Table 1, maximum times for RCCLK = 1 use an
RC clock frequency of 4.5 MHz (6 MHz - 25%). Minimum times for
RCCLK = 1 use an RC clock frequency of 7.5 MHz (6 MHz + 25%).
Nominal time assume an ideal RC clock frequency of 6 MHz and an
average of 3.5 machine cycles at the CPU clock rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com