Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC767FD Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P87LPC767FD
Description  Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC767FD Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P87LPC767FD Datasheet HTML 23Page - NXP Semiconductors P87LPC767FD Datasheet HTML 24Page - NXP Semiconductors P87LPC767FD Datasheet HTML 25Page - NXP Semiconductors P87LPC767FD Datasheet HTML 26Page - NXP Semiconductors P87LPC767FD Datasheet HTML 27Page - NXP Semiconductors P87LPC767FD Datasheet HTML 28Page - NXP Semiconductors P87LPC767FD Datasheet HTML 29Page - NXP Semiconductors P87LPC767FD Datasheet HTML 30Page - NXP Semiconductors P87LPC767FD Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Philips Semiconductors
Product data
87LPC767
Low power, low price, low pin count (20 pin)
microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
24
SU01163
KBF (KBI INTERRUPT)
EKB
(FROM IEN1 REGISTER)
P0.7
KBI.7
P0.6
KBI.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
KBI.5
KBI.4
KBI.3
KBI.2
KBI.1
KBI.0
Figure 16. Keyboard Interrupt
BIT
SYMBOL
FUNCTION
KBI.7
—
When set, enables P0.7 as a cause of a Keyboard Interrupt.
KBI.6
—
When set, enables P0.6 as a cause of a Keyboard Interrupt.
KBI.5
—
When set, enables P0.5 as a cause of a Keyboard Interrupt.
KBI.4
—
When set, enables P0.4 as a cause of a Keyboard Interrupt.
KBI.3
—
When set, enables P0.3 as a cause of a Keyboard Interrupt.
KBI.2
—
When set, enables P0.2 as a cause of a Keyboard Interrupt.
KBI.1
—
When set, enables P0.1 as a cause of a Keyboard Interrupt.
KBI.0
—
When set, enables P0.0 as a cause of a Keyboard Interrupt.
Note: the Keyboard Interrupt must be enabled in order for the settings of the KBI register to be effective. The interrupt flag
(KBF) is located at bit 7 of AUXR1.
KBI.0
SU01164
KBI.1
KBI.2
KBI.3
KBI.4
KBI.5
KBI.6
KBI.7
0
1
2
3
4
5
6
7
KBI
Reset Value: 00h
Not Bit Addressable
Address: 86h
Figure 17. Keyboard Interrupt Register (KBI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com