Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC767FD Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P87LPC767FD
Description  Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC767FD Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P87LPC767FD Datasheet HTML 11Page - NXP Semiconductors P87LPC767FD Datasheet HTML 12Page - NXP Semiconductors P87LPC767FD Datasheet HTML 13Page - NXP Semiconductors P87LPC767FD Datasheet HTML 14Page - NXP Semiconductors P87LPC767FD Datasheet HTML 15Page - NXP Semiconductors P87LPC767FD Datasheet HTML 16Page - NXP Semiconductors P87LPC767FD Datasheet HTML 17Page - NXP Semiconductors P87LPC767FD Datasheet HTML 18Page - NXP Semiconductors P87LPC767FD Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Philips Semiconductors
Product data
87LPC767
Low power, low price, low pin count (20 pin)
microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
12
Analog Comparators
Two analog comparators are provided on the 87LPC767. Input and
output options allow use of the comparators in a number of different
configurations. Comparator operation is such that the output is a
logical one (which may be read in a register and/or routed to a pin)
when the positive input (one of two selectable pins) is greater than
the negative input (selectable from a pin or an internal reference
voltage). Otherwise the output is a zero. Each comparator may be
configured to cause an interrupt when the output value changes.
Comparator Configuration
Each comparator has a control register, CMP1 for comparator 1 and
CMP2 for comparator 2. The control registers are identical and are
shown in Figure 4.
The overall connections to both comparators are shown in Figure 5.
There are eight possible configurations for each comparator, as
determined by the control bits in the corresponding CMPn register:
CPn, CNn, and OEn. These configurations are shown in Figure 6.
The comparators function down to a VDD of 3.0 V.
When each comparator is first enabled, the comparator output and
interrupt flag are not guaranteed to be stable for 10 microseconds.
The corresponding comparator interrupt should not be enabled
during that time, and the comparator interrupt flag must be cleared
before the interrupt is enabled in order to prevent an immediate
interrupt service.
BIT
SYMBOL
FUNCTION
CMPn.7, 6
—
Reserved for future use. Should not be set to 1 by user programs.
CMPn.5
CEn
Comparator enable. When set by software, the corresponding comparator function is enabled.
Comparator output is stable 10 microseconds after CEn is first set.
CMPn.4
CPn
Comparator positive input select. When 0, CINnA is selected as the positive comparator input. When
1, CINnB is selected as the positive comparator input.
CMPn.3
CNn
Comparator negative input select. When 0, the comparator reference pin CMPREF is selected as
the negative comparator input. When 1, the internal comparator reference Vref is selected as the
negative comparator input.
CMPn.2
OEn
Output enable. When 1, the comparator output is connected to the CMPn pin if the comparator is
enabled (CEn = 1). This output is asynchronous to the CPU clock.
CMPn.1
COn
Comparator output, synchronized to the CPU clock to allow reading by software. Cleared when the
comparator is disabled (CEn = 0).
CMPn.0
CMFn
Comparator interrupt flag. This bit is set by hardware whenever the comparator output COn changes
state. This bit will cause a hardware interrupt if enabled and of sufficient priority. Cleared by
software and when the comparator is disabled (CEn = 0).
CMFn
SU01152
COn
OEn
CNn
CPn
CEn
—
—
0
1
2
3
4
5
6
7
CMPn
Reset Value: 00h
Not Bit Addressable
Address: ACh for CMP1, ADh for CMP2
Figure 4. Comparator Control Registers (CMP1 and CMP2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com