Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 5 Page - Motorola, Inc

Part # DSP56366
Description  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 Datasheet(HTML) 5 Page - Motorola, Inc

  DSP56366 Datasheet HTML 1Page - Motorola, Inc DSP56366 Datasheet HTML 2Page - Motorola, Inc DSP56366 Datasheet HTML 3Page - Motorola, Inc DSP56366 Datasheet HTML 4Page - Motorola, Inc DSP56366 Datasheet HTML 5Page - Motorola, Inc DSP56366 Datasheet HTML 6Page - Motorola, Inc DSP56366 Datasheet HTML 7Page - Motorola, Inc DSP56366 Datasheet HTML 8Page - Motorola, Inc DSP56366 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask:2J26D
DSP56366 Errata
366CE2J26D_0_0
NG 11/12/01 pg. 5 of 25
 1997 -2001, Motorola
ES90
Description (added 6/25/98)/Modified 4/19/99:
A deadlock occurs during DMA transfers if all the following conditions exist:
1. DMA transfers data between internal memory and external memory through port
A.
2. DMA and the core access the same internal 0.25K memory module.
3. One of the following occurs:
a. The bus arbitration system is active, i.e., BG is changing, not tied to ground.
b. Packing mode (bit 7 in the AAR[3 - 0] registers) is active for DMA transfers on
Port A.
Workaround:
One of the following, but workarounds 2, and 3 are valid ONLY to section 3 a of the
errata - i.e. not valid if packing mode is used, and workaround 4 is valid only to
section 3 b of the errata - i.e., not valid if bus arbitration is active.
1. Use intermediate internal memory on which there is no contention with the core.
2. Tie BG to ground, or have an external arbiter that asserts BG even if BR is not
asserted.
3. Set the BCR[BRH] bit, whenever BR must be active.
4. Avoid using packing mode.
2J26D
Errata
Number
Errata Description
Applies
to Mask
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com