Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 2 Page - Motorola, Inc

Part # DSP56366
Description  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 Datasheet(HTML) 2 Page - Motorola, Inc

  DSP56366 Datasheet HTML 1Page - Motorola, Inc DSP56366 Datasheet HTML 2Page - Motorola, Inc DSP56366 Datasheet HTML 3Page - Motorola, Inc DSP56366 Datasheet HTML 4Page - Motorola, Inc DSP56366 Datasheet HTML 5Page - Motorola, Inc DSP56366 Datasheet HTML 6Page - Motorola, Inc DSP56366 Datasheet HTML 7Page - Motorola, Inc DSP56366 Datasheet HTML 8Page - Motorola, Inc DSP56366 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask:2J26D
DSP56366 Errata
366CE2J26D_0_0
NG 11/12/01 pg. 2 of 25
 1997 -2001, Motorola
ES42
Description (added 3/3/ 98):
When a Direct Memory Access (DMA) channel is in Line mode (i.e., the DMA
Transfer Mode is DTM = 010) with address modes defined by DMA Three
Dimensional mode D3D = 0 and DMA = 10010x (i.e., the DMA Counter (DCO) is
in mode A), and the DCO value is greater than $FFF, then the DMA does not
function properly. This address mode implies “no update” at the destination and “no
update” or “post increment by 1” mode at the source.
Workaround:
Use Block Transfer mode (i.e., DTM = 000). For the DCO and DMA Address Mode
(DAM) settings described in this erratum, the Line Transfer mode of DMA is
identical to its Block Transfer mode, so this combination is redundant. In fact, a
block containing only one line is still a block.
2J26D
ES47
Description (added 3/3/1997):
If the DMA channel and the core access the same 1/4 K internal X data, Y data, or
program memory page, and the DMA interrupt is enabled, a false interrupt may
occur in addition to the correct one.
Workaround: Ensure that the channel’s DTD status bit in the DSTR is set before
jumping to the Interrupt Service Routine (i.e., the interrupt is correct only when
DTD is set).
Example:
ORG P:I_DMA0
JSSET #M_DTD0,X:M_DSTR,ISR_; ISR_ is the Interrupt Service
; Routine label for DMA channel 0
2J26D
Errata
Number
Errata Description
Applies
to Mask
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com