Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 9 Page - Motorola, Inc

Part # DSP56366
Description  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button DSP56366 Datasheet HTML 5Page - Motorola, Inc DSP56366 Datasheet HTML 6Page - Motorola, Inc DSP56366 Datasheet HTML 7Page - Motorola, Inc DSP56366 Datasheet HTML 8Page - Motorola, Inc DSP56366 Datasheet HTML 9Page - Motorola, Inc DSP56366 Datasheet HTML 10Page - Motorola, Inc DSP56366 Datasheet HTML 11Page - Motorola, Inc DSP56366 Datasheet HTML 12Page - Motorola, Inc DSP56366 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask:2J26D
DSP56366 Errata
366CE2J26D_0_0
NG 11/12/01 pg. 9 of 25
 1997 -2001, Motorola
ES94
cont.
Note:
Execution of the first two instructions of the sequence must be uninterruptable. The
TE bit of the TCSR0 register must be cleared no later than 33554430 DSP clock
cycles after it is set. Otherwise, an undesirable trigger for the DMA channel is
generated.
Another peripheral can be used for this purpose, but taking into consideration its
specific features.
2J26D
ES95
Description (added 8/15/98):
If more than a single DMA channel is enabled while the DSP stays in the
WAIT processing state, and triggering one of the DMA channels causes an
exit from the WAIT state (See A-6.115, UM), triggering another DMA
channel might cause improper DMA operation.
Workaround:
Assure that only a single DMA channel can be triggered during DSP WAIT
state. If the application cannot guarantee this, other DMA channels should
be disabled before the WAIT processing state is entered and then reenabled
after WAIT state is exited.
2J26D
ES104
Description: (added 11/24/98):
An improper operation may occur when all the following conditions apply:
•
The DMA channel is in a mode that does not automatically clear the DE bit at
the end of the block (DTM[2:0] = 1xx in DCR).
•
This channel is disabled by software (by clearing DE in DCR) while it is trig-
gered for a new transfer.
•
The previous operation is not yet completed.
Workaround:
The DMA channel should be disabled only when it is not triggered for a new
transfer, i.e. when the DACT bit in the DSTR register is cleared.
Note: To perform this operation most efficiently, all other DMA channels should
be disabled.
2J26D
Errata
Number
Errata Description
Applies
to Mask
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com