Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 22 Page - Motorola, Inc

Part # DSP56366
Description  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button DSP56366 Datasheet HTML 17Page - Motorola, Inc DSP56366 Datasheet HTML 18Page - Motorola, Inc DSP56366 Datasheet HTML 19Page - Motorola, Inc DSP56366 Datasheet HTML 20Page - Motorola, Inc DSP56366 Datasheet HTML 21Page - Motorola, Inc DSP56366 Datasheet HTML 22Page - Motorola, Inc DSP56366 Datasheet HTML 23Page - Motorola, Inc DSP56366 Datasheet HTML 24Page - Motorola, Inc DSP56366 Datasheet HTML 25Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask:2J26D
DSP56366 Errata
366CE2J26D_0_0
NG 11/12/01 pg. 22 of 25
 1997 -2001, Motorola
ED38
Description (added 7/14/99):
If Port A is used for external accesses, the BAT bits in the AAR3-0
registers must be initialized to the SRAM access type (i.e. BAT = 01) or to
the DRAM access type (i.e. BAT = 10). To ensure proper operation of Port
A, this initialization must occur even for an AAR register that is not used
during any Port A access. Note that at reset, the BAT bits are initialized to
00.
Pertains to: DSP56300 Family Manual, Port A Chapter (Chapter 9 in
Revision 2), description of the BAT[1 –0] bits in the AAR3 - AAR0
registers. Also pertains to the core chapter in device-specific user’s
manuals that include a description of the AAR3 - AAR0 registers with bit
definitions (usually Chapter 4).
2J26D
Errata Description
Applies
to Mask
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com