Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0820 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC0820
Description  8-Bit, high-speed, mP-compatible A/D converter with track/hold function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0820 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC0820 Datasheet HTML 4Page - NXP Semiconductors ADC0820 Datasheet HTML 5Page - NXP Semiconductors ADC0820 Datasheet HTML 6Page - NXP Semiconductors ADC0820 Datasheet HTML 7Page - NXP Semiconductors ADC0820 Datasheet HTML 8Page - NXP Semiconductors ADC0820 Datasheet HTML 9Page - NXP Semiconductors ADC0820 Datasheet HTML 10Page - NXP Semiconductors ADC0820 Datasheet HTML 11Page - NXP Semiconductors ADC0820 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors Linear Products
Product specification
ADC0820
8-Bit, high-speed,
µP-compatible A/D converter with
track/hold function
August 31, 1994
575
FUNCTIONAL DESCRIPTION
General Operation
The ADC0820 uses two 4-bit flash A/D converters to make an 8-bit
measurement (Block Diagram). Each flash ADC is made up of 15
comparators which compare the unknown input to a reference
ladder to get a 4-bit result. To take a full 8-bit reading, one flash
conversion is done to provide the 4 most significant data bits (via the
MS flash ADC). Driven by the 4 MSBs, an internal DAC recreates an
analog approximation of the input voltage. This analog signal is then
subtracted from the input, and the difference voltage is converted by
a second 4-bit flash ADC (the LS ADC), providing the 4 least
significant bits of the output data word.
The internal DAC is actually a subsection of the MS flash converter.
This is accomplished by using the same resistor ladder for the A/D
as well as for generating the DAC signal. The DAC output is actually
the tap on the resistor ladder which most closely approximates the
analog input. In addition, the “sampled data” comparators used in
the ADC0820 provide the ability to compare the magnitudes of
several analog signals simultaneously, without using input summing
amplifiers. This is especially useful in the LS flash ADC, where the
signal to be converted is an analog difference.
The Sampled-Data Comparator
Each comparator in the ADC0820 consists of a CMOS inverter with
a capacitively-coupled input (Figure 4). Analog switches connect the
two comparator inputs to the input capacitor (C) and also connect
the inverter’s input and output. This device in effect now has one
differential input pair. A comparison requires two cycles, one for
zeroing the comparator, and another for making the comparison.
In the first cycle, one input switch and the inverter’s feedback switch
(Figure 4a) are closed. In this interval, C is charged to the
connected input (V1) less the inverter’s bias voltage (VS,
approximately 1.6V). In the second cycle (Figure 4b), these two
switches are opened and the other (V2) input’s switch is closed. The
input capacitor now subtracts its stored voltage from the second
input and the difference is amplified by the inverter’s open loop gain.
The inverter’s input (VS’) becomes
V
S
+ V
S ) (V2 – V1)
C
C
) C
S
and the output will go High or Low depending on the sign of V’S’-VS.
The actual circuitry used in the ADC0820 is a simple but important
expansion of the basic comparator described above. By adding a
second capacitor and another set of switches to the input (Figure 5),
the scheme can be expanded to make dual differential comparisons.
In this circuit, the feedback switch and one input switch on each
capacitor (Z switches) are closed in the zeroing cycle. A comparison
is then made by connecting the second input on each capacitor (S
switches) and opening all of the other switches. The change in
voltage at the inverter’s input, as a result of the change in charge on
each input capacitor, will now depend on both input signal
differences.
Architecture
In the ADC0820, 15 comparators are used in the MS and LS 4-bit
flash A/D converters. The MS (most significant) flash ADC also has
one additional comparator to detect input over-range. These two
sets of comparators operate alternately, with one group in its zeroing
cycle while the other is comparing.
• VS’ – VS = (V2 – V1)
• VO’ =
[CV2 – CV1]
• VO’ IS DEPENDENT ON V2–V1
C
C + CS
–A
C + CS
V1
V2
C
VS
CS
VO
a. Zeroing Phase
b. Compare Phase
V1
V2
C
VS
CS
VO
• VO = VS
• V ON C = V1 – VB
• CS = SATRAY INPUT NODE CAPACITOR
• VS = INVERTER INPUT BIAS VOLTAGE
A
A
Figure 4. Sampled Data Comparator
VO =
[C1 (V2 – V1) + C2 (V4–V3)]
=
[ ∆QC1 + ∆QC2]
–A
C1 + C2 + CS
VS
CS
VO
A
C1
C2
S
Z
Z
S
Z
R LADDER (V1)
VIN (V2)
ANALOG GND
(V3)
1/2 LSB (V4)
–A
C1 + C2 + CS
Figure 5. ADC0820 Comparator (From MS Flash ADC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com