Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0820 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ADC0820
Description  8-Bit, high-speed, mP-compatible A/D converter with track/hold function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0820 Datasheet(HTML) 3 Page - NXP Semiconductors

  ADC0820 Datasheet HTML 1Page - NXP Semiconductors ADC0820 Datasheet HTML 2Page - NXP Semiconductors ADC0820 Datasheet HTML 3Page - NXP Semiconductors ADC0820 Datasheet HTML 4Page - NXP Semiconductors ADC0820 Datasheet HTML 5Page - NXP Semiconductors ADC0820 Datasheet HTML 6Page - NXP Semiconductors ADC0820 Datasheet HTML 7Page - NXP Semiconductors ADC0820 Datasheet HTML 8Page - NXP Semiconductors ADC0820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors Linear Products
Product specification
ADC0820
8-Bit, high-speed,
µP-compatible A/D converter with
track/hold function
August 31, 1994
570
PIN DESCRIPTION (Continued)
PIN NO
SYMBOL
DESCRIPTION
RD Mode
INT going Low indicates that the conversion is completed and the data result is in the output latch. INT is reset by
the rising edge of RD or CS (see Figure 1).
10
GND
Ground
11
VREF(-)
The bottom of resistor ladder, voltage range: GND
≤VREF(-)≤VREF(+)
12
VREF(+)
The top of resistor ladder, voltage range: VREF(-)≤VREF(+)≤VDD.
13
CS
CS must be Low in order for the RD or WR to be recognized by the converter.
14
DB4
3-State data output—Bit 4
15
DB5
3-State data output—Bit 5
16
DB6
3-State data output—Bit 6
17
DB7
3-State data output—Bit 7 (MSB)
18
OFL
Overflow output—if the analog input is higher than the VREF(+)- LSB, OFL will be low at the end of conversion. It can
be used to cascade 2 or more devices to have more resolution (9, 10-bit). It is always active and never becomes
3-state.
19
NC
No connection
20
VDD
Power supply voltage
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
RATING
UNIT
VDD
Supply voltage
7
V
Logic control inputs
-0.2 to VDD+0.2
V
Voltage at other inputs and output
-0.2 to VDD+0.2
V
TSTG
Storage temperature range
-65 to +150
°C
PD
Maximum power dissipation3
TA=25°C(still-air)
N package
1690
mW
D package
1390
mW
TSOLD
Lead temperature (soldering, 10sec)
300
°C
TA
Operating ambient temperature range
TMIN≤TA≤TMAX
ADC0820CNEN/CNED
0 to +70
°C
NOTES:
1. Absolute Maximum Ratings are those values beyond which the life of the device may be impaired.
2. All voltages are measured with respect to GND, unless otherwise specified.
3. Derate above 25
°C at the following rates:
N package at 13.5mW/
°C
D package at 11.1mW/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com