Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0820 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ADC0820
Description  8-Bit, high-speed, mP-compatible A/D converter with track/hold function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0820 Datasheet(HTML) 2 Page - NXP Semiconductors

  ADC0820 Datasheet HTML 1Page - NXP Semiconductors ADC0820 Datasheet HTML 2Page - NXP Semiconductors ADC0820 Datasheet HTML 3Page - NXP Semiconductors ADC0820 Datasheet HTML 4Page - NXP Semiconductors ADC0820 Datasheet HTML 5Page - NXP Semiconductors ADC0820 Datasheet HTML 6Page - NXP Semiconductors ADC0820 Datasheet HTML 7Page - NXP Semiconductors ADC0820 Datasheet HTML 8Page - NXP Semiconductors ADC0820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors Linear Products
Product specification
ADC0820
8-Bit, high-speed,
µP-compatible A/D converter with
track/hold function
August 31, 1994
569
BLOCK DIAGRAM
∑
VIN
VREF(+)
VREF(–)
VREF(+)
+
–
VREF(–)
VREF(–)
VREF
16
(+)
OFL
4–BIT
FLASG
ADC
(4MSBs)
4–BIT
DAC
4–BIT
FLASG
ADC
(4LSBs)
MODE
WR/RDY
TIMING AND CONTROL CIRCUITRY
CS
RD
INT
OUTPUT
LATCH
AND
THREE–STATE
BUFFERS
OFL
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
PIN DESCRIPTION
PIN NO
SYMBOL
DESCRIPTION
1
VIN
Analog input; range=GND
≤VIN≤VDD
2
DB0
3-state data output—Bit 0 (LSB)
3
DB1
3-state data output—Bit 1
4
DB2
3-state data output—Bit 2
5
DB3
3-state data output—Bit 3
6
WR/RDY
WR-RD Mode
WR: With CS Low, the conversion is started on the falling edge of WR. Approximately 800ns (the preset internal time
out, tI) after the WR rising edge, the result of the conversion will be strobed into the output latch, provided that RD
does not occur prior to this time out (see Figures 3a and 3b).
RD Mode
RDY: This is an open-drain output (no internal pull-up device). RDY will go Low after the falling edge of CS; RDY will
go 3-State when the result of the conversion is strobed into the output latch. It is used to simplify the interface to a
microprocessor system (see Figure 1).
7
Mode
Mode: Mode selection input—it is internally tied to GND through a 30
µA current source.
RD Mode: When mode is Low.
WR-RD Mode: When mode is High.
8
RD
WR-RD Mode
With CS Low, the 3-State data outputs (DB0-DB7) will be activated when RD goes Low. RD can also be used to
increase the speed of the converter by reading data prior to the preset internal time out (TI ~ 800ns). If this is done,
the data result transferred to output latch is latched after the falling edge of the RD (see Figures 3a and 3b).
RD Mode
With CS Low, the conversion will start with RD going Low; also, RD will enable the 3-State data outputs at the
completion of the conversion. RDY going 3-State and INT going Low indicate the completion of the conversion (see
Figure 1).
9
INT
WR-RD Mode
INT going Low indicates that the conversion is completed and the data result is in the output latch. INT will go
Low ~ 800ns (the preset internal time out, tI) after the rising edge of WR (see Figure 3a); or INT will go Low after
the falling edge of RD, if RD goes Low prior to the 800ns time out (see Figure 3b). INT is reset by the rising edge of
RD or CS (see Figures 3a and 3b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com