Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0820 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ADC0820
Description  8-Bit, high-speed, mP-compatible A/D converter with track/hold function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0820 Datasheet(HTML) 4 Page - NXP Semiconductors

  ADC0820 Datasheet HTML 1Page - NXP Semiconductors ADC0820 Datasheet HTML 2Page - NXP Semiconductors ADC0820 Datasheet HTML 3Page - NXP Semiconductors ADC0820 Datasheet HTML 4Page - NXP Semiconductors ADC0820 Datasheet HTML 5Page - NXP Semiconductors ADC0820 Datasheet HTML 6Page - NXP Semiconductors ADC0820 Datasheet HTML 7Page - NXP Semiconductors ADC0820 Datasheet HTML 8Page - NXP Semiconductors ADC0820 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors Linear Products
Product specification
ADC0820
8-Bit, high-speed,
µP-compatible A/D converter with
track/hold function
August 31, 1994
571
DC ELECTRICAL CHARACTERISTICS
RD mode (Pin 7=0), VDD=5V, VREF(+)=5V, and VREF(-)=GND, unless otherwise specified. Limits apply from TMIN to TMAX.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ3
Max
UNIT
Resolution
8
8
8
bits
Unadjusted error1
ADC0820C
±1
LSB
RREF
Reference resistance
1
1.6
4
k
Ω
VREF(+)
Input voltage5
VREF(-)
VDD
V
VREF(-)
Input voltage
GND
VREF(+)
V
VIN
Input voltage5
GND-0.1
VDD+0.1
V
Maximum analog input leakage current
CS=VDD
VIN=VDD
VIN=GND
-3
3
µA
Power supply sensitivity
VDD=5V±5%
±1/16
±1/4
LSB
VIN(1)
Logical “1” input voltage
VDD=5.25V
CS, WR, RD
2.0
VDD
V
VIN(1)
Logical “1” input voltage
VDD=5.25V
Mode
3.5
VDD
V
VIN(0)
Logical “0” input voltage
VDD=4.75V
CS, WR, RD
GND
0.8
V
VIN(0)
Logical “0” input voltage
VDD=4.75V
Mode
GND
1.5
V
IIN(1)
Logical “1” input current
VIN(1)=5V; CS, RD
1
µA
IIN(1)
Logical “1” input current
VIN(1)=5V; WR
3
µA
IN(1)
VIN(1)=5V; Mode
30
200
IIN(0)
Logical “0” input current
VIN(0)=0V; CS, RD, WR, Mode
-1
µA
VOUT(1)
Logical “1” output voltage
VDD=4.75V, IOUT=-360µA;
2.4
4.6
V
VOUT(1)
Logical “1” output voltage
DB0-DB7, OFL, INT
V
VOUT(1)
Logical “1” output voltage
VDD=4.75V, IOUT=-10µA
4.5
4.74
V
DB0-DB7, OFL, INT
VOUT(0)
Logical “0” output voltage
VDD=4.75V, IOUT=1.6mA;
DB0-DB7, OFL, INT, RDY
0.2
0.4
V
IOZ
3-state output current
VOUT=5V; DB0-DB7, RDY
3
µA
IOZ
3-state output current
µA
OZ
VOUT=0V; DB0-DB7, RDY
-3
ISOURCE
Output source current
VOUT=0V, DB0-DB7, OFL
6
12
mA
ISOURCE
Output source current
mA
SOURCE
INT
4.5
8
ISINK
Output sink current
VOUT=5V; DB0-DB7, OFL, INT, RDY
7
20
mA
IDD
Supply current
CS=WR=RD=0
6
15
mA
VDD
Range
4.5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com