Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMDA32 Datasheet(PDF) 4 Page - Chicago Miniature Lamp,inc

Part # CMDA32
Description  Power LED (1 Watt) on Square PCB
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA32 Datasheet(HTML) 4 Page - Chicago Miniature Lamp,inc

  CMDA32 Datasheet HTML 1Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 2Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 3Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 4Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 5Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 6Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 7Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 8Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 9Page - Chicago Miniature Lamp,inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
- 4 -
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
3. Electro-Optical Characteristics (at IF=350mA, TA=25ºC)
P/N
Description
Luminous
Flux
Min./Typ.
(lm)
Correlated
Color
Temperature
(Kelvin)
CRI
Dominant
Wavelength (nm)
Min./Typ./Max.
Forward Voltage
(volts)
Min./Typ./Max.
View Angle
(degrees)
Thermal
resistance
(ºC /W)
Symbol
ФV [1]
CCT [3]
Ra
λD
V
2Θ 1/2
Rθ [4]
CMDA31CW15D13L
Pure White
32 / 52
6500
76
3.0 / 3.4 / 4.3
110
16
CMDA31WW15D13L Warm White
24 / 35
3000
76
3.0 / 3.4 / 4.3
110
16
CMDA31CB15D13L
Blue
6 / 11
455 / 460 / 475
3.0 / 3.4 / 4.3
130
16
CMDA31AG15D13L
Green
24 / 48
520 / 527 / 535
3.0 / 3.4 / 4.3
130
16
CMDA31AR15D13L
Red
24 / 30
620 / 625 / 630
2.0 / 2.5 / 3.0
128
19
CMDA31GB15D13L
Cyan
24 / 40
500 / 505 / 510
3.0 / 3.4 / 4.3
130
16
CMDA31DY15D13L
Amber
24 / 38
585 / 590 / 595
2.0 / 2.5 / 3.0
128
19
4. Absolute Maximum Ratings (at TA=25ºC)
P/N
Description
Forward
Current (A)
Power
Dissipation
(Watts)
Junction
Temperat
ure (ºC)
Operating
Temperature (ºC)
Storage
Temperature (ºC)
Symbol
IF
PD
Tj
Topr
Tstg
CMDA31CW15D13L
Pure White
0.4
1.9
125
-30~+85
-40~+120
CMDA31WW15D13L Warm White
0.4
1.9
125
-30~+85
-40~+120
CMDA31CB15D13L
Blue
0.4
1.9
125
-30~+85
-40~+120
CMDA31AG15D13L
Green
0.4
1.9
125
-30~+85
-40~+120
CMDA31AR15D13L
Red
0.4
1.2
100
-30~+85
-40~+120
CMDA31GB15D13L
Cyan
0.4
1.9
125
-30~+85
-40~+120
CMDA31DY15D13L
Amber
0.4
1.2
100
-30~+85
-40~+120
*Notes:
[1] ФV is the total luminous flux output as measured with an integrating sphere.
[2] Zener diode chip included to protect the LED from ESD.
[3] Rθ is measured with a metal core PCB (25 ºC ≤TJ ≤ 125 ºC).
[4] CML maintains a tolerance of ± 10% on flux and power measurements.
[5] CCT ± 5% tester tolerance.
[6] Color Coordinate Measurement allowance is ± 0.005
[7] A tolerance of ± 0.006V on forward voltage measurements
--------------------------Caution--------------------------
Please do not drive at rated current more than 5 sec. without proper heat sink
CMDA31xx15D13L Star PCB series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com