Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMDA32 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMDA32
Description  Power LED (1 Watt) on Square PCB
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA32 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMDA32 Datasheet HTML 1Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 2Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 3Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 4Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 5Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 6Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 7Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 8Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 9Page - Chicago Miniature Lamp,inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
- 1 -
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
CMDA31 Series Power LED (1 Watt) on Star PCB
CMDA32 Series Power LED (1 Watt) on Square PCB
- Features
• Super high flux output and high luminance
• Designed for high current operation
• Low thermal resistance
• SMT solder compatible
• Lead (Pb) Free Product – RoHS Compliant
- Applications
• General Illumination
- Outdoor & Indoor Architectural Lighting
- Decorative Lighting
- Portable Lighting / Flash Light (Torch) Lamps
- Reading Lamps and Task Lighting
- Traffic Signaling
- Description
These packaged LED’s on metal PCB’s are designed for high current operation and high
flux output applications.
The package design features better thermal management
characteristics than other LED solutions. Because of these advantages, this product has
many applications such as internal & external lighting, automobile lighting, large size
LCD backlight, etc.


Similar Part No. - CMDA32

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA32AG15D13L CML-CMDA32AG15D13L Datasheet
383Kb / 1P
Power LED (1 Watt) on Star PCB
CMDA32AR15D13L CML-CMDA32AR15D13L Datasheet
383Kb / 1P
Power LED (1 Watt) on Star PCB
CMDA32CB15D13L CML-CMDA32CB15D13L Datasheet
383Kb / 1P
Power LED (1 Watt) on Star PCB
CMDA32CW15D13L CML-CMDA32CW15D13L Datasheet
383Kb / 1P
Power LED (1 Watt) on Star PCB
CMDA32DY15D13L CML-CMDA32DY15D13L Datasheet
383Kb / 1P
Power LED (1 Watt) on Star PCB
More results

Similar Description - CMDA32

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA30 CML-CMDA30 Datasheet
526Kb / 1P
Power LED (1 Watt)
CMDA31 CML-CMDA31 Datasheet
383Kb / 1P
Power LED (1 Watt) on Star PCB
CMDA37 CML-CMDA37 Datasheet
588Kb / 1P
Power LED (2.5 Watt) on Star PCB
CMDA52XX15D13L CML-CMDA52XX15D13L Datasheet
426Kb / 1P
Power LED (5 Watt) on Star PCB
logo
List of Unclassifed Man...
CMDA31RGB15D13L ETC2-CMDA31RGB15D13L Datasheet
489Kb / 17P
Power LED on Star PCB 1 Watt - Full Color Emitter (Red, Green, Blue)
logo
Vishay Siliconix
VLMK71ABAD-GS08 VISHAY-VLMK71ABAD-GS08 Datasheet
188Kb / 9P
Little Star® 1 Watt Power SMD LED
05-Mar-08
logo
LUMEX INC.
SML-LX3939UWC-TR LUMEX-SML-LX3939UWC-TR Datasheet
63Kb / 1P
10.10mm SQUARE 5 WATT HIGH POWER SMT LED
SSL-LX100T123SIC LUMEX-SSL-LX100T123SIC Datasheet
52Kb / 1P
10.00mm 1 WATT THROUGH HOLE, HIGH POWER LED
SSL-LX100T123UPGC LUMEX-SSL-LX100T123UPGC Datasheet
54Kb / 1P
10.00mm 1 WATT THROUGH HOLE, HIGH POWER LED
logo
TT Electronics.
OVTLZ1LGAB TTELEC-OVTLZ1LGAB Datasheet
215Kb / 1P
Optimal I Star Series 1-watt LED on MCPCB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com