Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMDA32 Datasheet(PDF) 12 Page - Chicago Miniature Lamp,inc

Part # CMDA32
Description  Power LED (1 Watt) on Square PCB
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA32 Datasheet(HTML) 12 Page - Chicago Miniature Lamp,inc

Back Button CMDA32 Datasheet HTML 6Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 7Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 8Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 9Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 10Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 11Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 12Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 13Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 14Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
17. Reel Packaging Dimensions (Square type)
MIN 1.5
10 pitch cumulative
tolerance on tape ±0.2
DETALE"A"
CENTER
5° TYPICAL
DETAIL 'A'
Note : 1. The number of loaded products in the reel is 200ea
2. All dimensions are in millimeters
3. Scale is none
4. This is drawing is reference only engineering
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
- 12 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com