Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMDA32 Datasheet(PDF) 11 Page - Chicago Miniature Lamp,inc

Part # CMDA32
Description  Power LED (1 Watt) on Square PCB
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA32 Datasheet(HTML) 11 Page - Chicago Miniature Lamp,inc

Back Button CMDA32 Datasheet HTML 6Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 7Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 8Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 9Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 10Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 11Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 12Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 13Page - Chicago Miniature Lamp,inc CMDA32 Datasheet HTML 14Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
16. Reel Packaging Dimensions (Star type)
MIN 1.5
10 pitch cumulative
tolerance on tape ±0.2
DETALE"A"
CENTER
5° TYPICAL
DETAIL 'A'
Note : 1. The number of loaded products in the reel is 350ea
2. All dimensions are in millimeters
3. Scale : none
4. This drawing is reference only engineering
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
- 11 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com