Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64P-FCU6T/T Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24C64P-FCU6T/T
Description  64-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64P-FCU6T/T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24C64P-FCU6T/T Datasheet HTML 12Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 13Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 14Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 15Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 16Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 17Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 18Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 19Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Instructions
M24C64P-FCU
16/36
DocID030474 Rev 1
5.1.2
Page Write
The Page Write mode allows up to 32 bytes to be written in a single Write cycle, provided
that they are all located in the same page in the memory: that is, the most significant
memory address bits, A15/A5, are the same. If more bytes are sent than will fit up to the end
of the page, a “roll-over” occurs, i.e. the bytes exceeding the page end are written on the
same page, from location 0.
The bus master sends from 1 to 32 bytes of data, each of which is acknowledged by the
device if the page is not write-protected, as shown in Figure 5. If the page is write-protected,
the contents of the addressed memory location are not modified, and each data byte is
followed by a NoAck, as shown in Figure 6. After each transferred byte, the internal page
address counter is incremented.
The transfer is terminated by the bus master generating a Stop condition.
Figure 6. Write mode sequence (data write inhibited)
Byte Write
Dev sel
Byte addr
Byte addr
Data in
Page Write
Dev sel
Byte addr
Byte addr
Data in 1
Data in 2
AI01120e
Page Write (cont'd)
Data in N
ACK
ACK
ACK
NO ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
NO ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com