Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64P-FCU6T/T Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24C64P-FCU6T/T
Description  64-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64P-FCU6T/T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24C64P-FCU6T/T Datasheet HTML 13Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 14Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 15Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 16Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 17Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 18Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 19Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 20Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
DocID030474 Rev 1
17/36
M24C64P-FCU
Instructions
35
5.1.3
Write protection
By writing specific values in a register (Table 6) located at address 1xxx.xxxx.xxxx.xxxxb,
the memory array can be write-protected by blocks, which size can be defined as:
•
the upper quarter memory array
•
the upper half memory array
•
the upper 3/4 memory array
•
the whole memory array
Note:
Location 1xxx.xxxx.xxxx.xxxxb is outside of the addressing field of the EEPROM memory
(16 Kbytes are addressed within the 00xx.xxxx.xxxx.xxxx range)
•
Bit b3 enables or disables the Write protection
–
b3=0: the whole memory can be written (no Write protection)
–
b3=1: the concerned block is write-protected
•
Bits b2 and b1 define the size of the memory block to be protected against write
instructions:
–
b2,b1=0,0: the upper quarter of memory is write-protected
–
b2,b1=0,1: the upper half memory is write-protected
–
b2,b1=1,0: the upper 3/4 of memory are write-protected
–
b2,b1=1,1: the whole memory is write-protected
•
bit b0 locks the write protect status
–
b0=0: bits b3,b2,b1,b0 can be modified
–
b0=1: bits b3,b2,b1,b0 cannot be modified and therefore the memory write
protection is frozen.
•
b7, b6, b5, b4 bits are Don't Care bits.
Writing the Write Protect register
Writing in the Write protect register is performed with a Byte Write instruction at address
1xxx.xxxx.xxxx.xxxxb. Bits b7,b6,b5,b4 of the data byte are not significant (Don't Care).
Writing more than one byte will discard the write cycle (Write protect register content will not
be changed).
Table 6. Write Protect register (Address = 1xxx.xxxx.xxxx.xxxxb)
b7
b6
b5
b4
b3
b2
b1
b0
Write
x
x
x
x
Write protect
activation
Size of write
protected block
Size of write
protected
block
Write protect
lock
Read
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com