Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64P-FCU6T/T Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24C64P-FCU6T/T
Description  64-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64P-FCU6T/T Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24C64P-FCU6T/T Datasheet HTML 19Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 20Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 21Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 22Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 23Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 24Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 25Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 26Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DocID030474 Rev 1
23/36
M24C64P-FCU
DC and AC parameters
35
8
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Table 8. Test conditions
Symbol
Parameter
Min.
Unit
Data retention(1)
1. The data retention behavior is checked in production. The 200-year limit is defined from characterization
and qualification results.
TA = 55 °C
200
year
Cycling
TA = 25 °C
4 million
cycle
Table 9. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.60
1.70
5.5
V
TA
Ambient operating temperature: READ
–40
–40
85
°C
Ambient operating temperature: WRITE
0
–40
fC
Operating clock frequency, VCC = 1.6 V
-
400
kHz
Operating clock frequency, VCC = 1.7 V
-
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com