Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64P-FCU6T/T Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24C64P-FCU6T/T
Description  64-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64P-FCU6T/T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24C64P-FCU6T/T Datasheet HTML 28Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 29Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 30Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 31Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 32Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 33Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 34Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 35Page - STMicroelectronics M24C64P-FCU6T/T Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
DocID030474 Rev 1
33/36
M24C64P-FCU
Part numbering
35
10
Part numbering
Table 15. Ordering information scheme
Example:
M24C64P -F CU 6
T /T
F
Device type
M24 = I2C serial access EEPROM
Device function
C64P= 64 Kbits (8 K x 8 bits)
Operating voltage
F = VCC = 1.7 V to 5.5 V
Package(1)
1. The package is ECOPACK2® (RoHS compliant and free of brominated, chlorinated and antimony oxide
flame retardants).
CU = ultra-thin 4-bump WLCSP
Device grade
6 = device tested with standard test flow over –40 to 85 °C
Packing
T = Tape and reel packing
Process technology(2)
2. The process letter appears on the device package (marking) and on the shipment box. Please contact
your nearest ST Sales Office for further information.
/T = Process letter
Option
blank = no Back Side Coating (WLCSP height = 0.300mm)
F = Back Side Coating (WLCSP height = 0.330mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com