Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DFMN6P/K Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95M02-DFMN6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN6P/K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95M02-DFMN6P/K Datasheet HTML 2Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 3Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 4Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 5Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 6Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 7Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 8Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 9Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
4
Connecting to the SPI bus
All instructions, addresses, and input data bytes are shifted in to the device, the most significant bit first. The
serial data input (D) is sampled on the first rising edge of the serial clock (C) after chip select (S) goes low.
All output data bytes are shifted out of the device, the most significant bit first. The serial data output (Q) is
latched on the first falling edge of the serial clock (C) after the instruction (such as the read from memory array
and read status register instructions) have been clocked into the device.
Figure 5. Bus master and memory devices on the SPI bus
AI12836b
SPI Bus Master
SDO
SDI
SCK
C
Q
D
C
Q
D
SPI Memory
Device
C
Q
D
CS3
CS2 CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
W
HOLD
W
R
R
R
R
SPI Memory
Device
SPI Memory
Device
VCC
VCC
VSS
VSS
VSS
VCC
S
S
S
HOLD
HOLD
VCC
VSS
1.
The write protect (W) and hold (HOLD) signals should be driven, high, or low as appropriate.
Figure 5 shows an example of three memory devices connected to an SPI bus master. Only one memory device
is selected at a given time, so only one memory device drives the serial data output (Q) line at that time. The
other memory devices are in high impedance state.
The pull-up resistor R (represented in Figure 5) ensures that a device is not selected if the bus master leaves the
S line in the high impedance state.
In applications where the bus master may leave all SPI bus lines in high impedance at the same time (for
example, if the bus master is reset during the transmission of an instruction), it is recommended to connect the
clock line (C) to an external pull-down resistor so that, if all inputs/outputs become high impedance, the C line is
pulled low (while the S line is pulled high): this ensures that S and C do not become high at the same time, and
so, that the tSHCH requirement is met. The typical value of R is 100 kΩ.
M95M02-DR M95M02-DF
Connecting to the SPI bus
DS7024 - Rev 13
page 6/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com