Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DFMN6P/K Datasheet(PDF) 38 Page - STMicroelectronics

Part # M95M02-DFMN6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFMN6P/K Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M95M02-DFMN6P/K Datasheet HTML 34Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 35Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 36Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 37Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 38Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 39Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 40Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 41Page - STMicroelectronics M95M02-DFMN6P/K Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
11
Ordering information
Table 19. Ordering information scheme
Example:
M95
M02
-D
R
MN
6
T
P
/K
Device type
M95 = SPI serial access EEPROM
Device function
M02 = 2048 Kbit
Device family
-D = with additional identification page
Operating voltage
R = VCC = 1.8 V to 5.5 V
F = VCC = 1.7 V to 5.5 V
Package(1)
MN = SO8N (150 mil width)
CS = WLCSP8
Device grade
6 = Industrial temperature range: -40 to 85 °C(2)
5 = Industrial temperature range: -20 to 85 °C(2)
Option
T = Tape and reel packing
blank = tube packing
Plating technology
P or G = RoHS compliant and halogen-free (ECOPACK2)
Process (3) and option
/K = Manufacturing technology code, without back side coating
/KF = Manufacturing technology code, with back side coating
1. All packages are ECOPACK2 (RoHS-compliant and free of brominated, chlorinated and antimony-oxide flame retardants).
2. Device tested with standard test flow.
3. These process letters appear on the device package (marking) and on the shipment box. Please contact your nearest ST
Sales Office for further information.
Note:
For a list of available options (speed, package, etc.) or for further information on any aspect of this device,
contact your nearest ST sales office.
Note:
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet qualified and
therefore not approved for use in production. ST is not responsible for any consequences resulting from such
use. In no event will ST be liable for the customer using any of these engineering samples in production. ST
Quality has to be contacted prior to any decision to use these Engineering samples to run qualification activity.
M95M02-DR M95M02-DF
Ordering information
DS7024 - Rev 13
page 38/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com